Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34716
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CHANNEL 1 BUCK CONVERTER (PVIN1, SW1, PGND1, BOOT1, INV1, COMP1, ILIM1)
Switching Node (SW1) Rise Time (22)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tRISE1
-
8.0
-
ns
Switching Node (SW1) Fall Time (22)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tFALL1
-
5.0
-
ns
Soft Start Duration (Normal Mode)
ILIM1: 1.25V to 1.49V
1.5V to 1.81V
1.82V to 2.13V
2.14V to 2.5V
tSS1
-
-
-
-
3.2
1.6
0.8
0.4
-
-
-
-
ms
Over Current Limit Timer
tLIM1
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT1
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER1
5.0
-
25
µs
CHANNEL 2 BUCK CONVERTER (PVIN2, SW2, PGND2, BOOT2, INV2, COMP2)
Switching Node (SW2) Rise Time (22)
(PVIN = 3.3 V, IOUT2 = ±3.0 A)
tRISE2
-
28
-
ns
Switching Node (SW2) Fall Time (22)
(PVIN = 3.3 V, IOUT2 = ±3.0 A)
tFALL2
-
12.0
-
ns
Soft Start Duration (Normal Mode)
tSS2
-
1.6
-
ms
Over Current Limit Timer
tLIM2
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT2
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER2
5.0
-
25
µs
OSCILLATOR (FREQ) (23)
Oscillator Default Switching Frequency
(FREQ = GND)
fSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
fSW
200
-
1000
kHz
CONTROL AND SUPERVISORY (STBY, SD, PG)
PG Reset Delay
tPGRESET
8.0
-
12
ms
Thermal Shutdown Retry Time-out Period (22)
tTIMEOUT
80
-
120
ms
Notes
22.
Design information only, this parameter is not production tested.
23.
Oscillator Frequency tolerance is ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com