Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34716
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ERROR AMPLIFIER INVERTING INPUT (INV1, INV2)
Buck converter error amplifier inverting input. Connect the
VDDQ voltage (channel 1) to INV1 pin through a resistor
divider and connect the VTT voltage (channel 2) directly to
INV2 pin.
OUTPUT VOLTAGE DISCHARGE PATH (VOUT1,
VOUT2)
Buck converters output voltage are connected to these
pins. It only serves as the output discharge path once the SD
signal is asserted.
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
This is the output of the internal bias voltage regulator.
Connect a 1.0 µF, 6 V low ESR ceramic filter capacitor
between this pin and the GND pin. Filtering any spikes on this
output is essential to the internal circuitry stable operation.
SIGNAL GROUND (GND)
Analog ground of the IC. Internal analog signals are
referenced to this pin voltage.
INPUT SUPPLY VOLTAGE (VIN)
IC power supply input voltage. Input filtering is required for
the device to operate properly.
POWER GOOD OUTPUT SIGNAL (PG)
This is an active low open drain output that is used to
report the status of the device to a host. This output activates
after a successful power up sequence and stays active as
long as the device is in normal operation and is not
experiencing any faults. This output activates after a 10 ms
delay and must be pulled up by an external resistor to a
supply voltage like VIN.
STANDBY INPUT (STBY)
If this pin is tied to the GND pin, the device will be in
Standby Mode. If left unconnected or tied to the VIN pin, the
device will be in Normal Mode. The pin has an internal pull up
of 1.5 M
Ω. This input accepts the S3 (Suspend-To-RAM)
control signal.
SHUTDOWN INPUT (SD)
If this pin is tied to the GND pin, the device will be in
Shutdown Mode. If left unconnected or tied to the VIN pin, the
device will be in Normal Mode. The pin has an internal pull up
of 1.5 M
Ω. This input accepts the S5 (Suspend-To-Disk)
control signal.
REFERENCE VOLTAGE OUTPUT (VREFOUT)
This is a buffered reference voltage output that is equal to
1/2 VREFIN. It has a 10.0 mA current drive capability. This
output is used as the VREF voltage rail and should be filtered
against any noise. Connect a 0.1 µF, 6 V low ESR ceramic
filter capacitor between this pin and the GND pin and
between this pin and VDDQ rail. VREFOUT is also used as the
reference voltage for the buck converter error amplifier.
REFERENCE VOLTAGE INPUT (VREFIN)
The output of channel two will track 1/2 the voltage applied
at this pin.
FREQUENCY ADJUSTMENT INPUT (FREQ)
The buck converters switching frequency can be adjusted
by connecting this pin to an external resistor divider between
VDDI and GND pins. The default switching frequency (FREQ
pin connected to ground, GND) is set at 1.0 MHz.
CHANNEL 1 SOFT START ADJUSTMENT INPUT
(ILIM1)
Channel one Soft Start can be adjusted by applying a
voltage between 1.25V and VDDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com