Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE4150L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
3
Pin Out Diagram
18
15
17
16
14
13
1
4
2
3
5
6
SE4150L
Bottom View
Die Pad
18
15
17
16
14
13
1
4
2
3
5
6
SE4150L
Top View
CLK_EN
RX_EN
VAGC
VCC_LNA
ANT_BIAS
ANT1_IN
LNA_IN
TCXO_IN
VCC_TCXO
HW_1
VDDQ
HW_0
TCXO_IN
HW_1
HW_0
RX_EN
VAGC
VCC_LNA
ANT1_IN
LNA_IN
ANT_BIAS
CLK_EN
VDDQ
VCC_TCXO
Pin Out Description
Pin No.
Name
Description
Connection
1
VAGC
AGC filter capacitor
Single capacitor (10nF) to GND
2
ANT_BIAS
External antenna bias output
Connect to external antenna on ANT1_IN (pin
3). Use capacitor to DC block the bias from the
ANT1_IN input.
3
ANT1_IN
RF input from external antenna
DC bias on this pin. DC blocking capacitor
required. Connect to RF input matching network
4
LNA_IN
RF input, via on-chip LNA
DC bias on this pin. Connect either direct to
passive GNSS antenna element, or to grounded
components using a DC blocking capacitor.
5
RX_EN
Receiver enable
Connect to VDDN to enable radio
Connect to VSSN / GND to disable radio
6
VCC_LNA
Analogue power supply for LNA
Connect to VCC via dedicated decoupling
network to enable LNA
Connect to GND to disable LNA
7
ANT_SW_OUT
Antenna switch output
DC bias on this pin. Connect to SAW filter input
or coupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com