Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE4150L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
5
Pin No.
Name
Description
Connection
Die Pad
GND
Ground connection
Main IC GND connection
Functional Description
LNA
A high-performance LNA is available for use with
systems with an external passive antenna.
The LNA noise figure is the largest single contributor
to overall system sensitivity in GPS signal reception.
The internal LNA of the SE4150L allows excellent
performance to be achieved from a low-power GPS
receiver without requiring any additional active
components.
The GPS L1 input signal which is applied to LNA_IN
(pin 4), is a spread-spectrum signal centered on
1575.42 MHz with a 1.023Mbps BPSK modulation.
The signal level at the antenna is typically -130 dBm
in open-sky conditions, dropping to below -150 dBm
in masked signal areas (e.g. indoors).
The LNA input requires a minimum of external
matching components to achieve good RF gain with
minimal noise figure. Although attention should be
paid to track lengths and interference throughout the
design, the LNA input matching circuit is the only RF
circuit critically sensitive to layout.
The LNA output includes internal 50Ω matching for
connection to the mixer input, either directly or via an
optional external filter.
Antenna Switch
An antenna switch is included on the SE4150L, to
allow selection of either the LNA_IN (pin 4) RF path,
or the ANT1_IN (pin 3) RF path to connect to a single
RF output; ANT_SW_OUT (pin 7). This is useful in
systems where two antenna sources can be provided
(e.g. a PND, where an internal antenna and a socket
for an external antenna are available).
The antenna switch is driven from the antenna current
detector block. The antenna switch will transfer the
RF input from the default LNA_IN (pin 4) over to
ANT1_IN (pin 3), when the antenna current detector
block senses a current being consumed, for example,
from an external active antenna. The switching
threshold is typically 1mA with some hysteresis.
Antenna Current Detector
The antenna current detector is designed to monitor
the supply current to an external active antenna and
provide a logic output, ANT_DET (pin 8). This is used
to indicate if the current is within an expected range.
The current monitor senses the current which passes
through the ANT_BIAS (pin 2) output.
ANT_DET (pin 8) is connected to the switchover
control of the internal antenna switch. The antenna
switch will transfer the route of the RF input path from
the internal LNA (supplied from the LNA_IN (pin 4)
input) across to ANT1_IN (pin 3), through to the
ANT_SW_OUT (pin 7) output, when current is
detected.
ANT_BIAS (pin 2) should be connected to the core
connection of a coax socket via an isolating choke for
an external active antenna, in conjunction with
ANT_IN (pin 3) connected to the same core
connection of the socket via a dc-blocking capacitor.
When an external active antenna is connected, DC
current to drive the active antenna will flow through
ANT_BIAS (pin 2), and the antenna current detector.
Antenna Switch Override
The antenna switch (and antenna current detector)
can be overridden by externally driving ANT_DET
(pin 8) from a low-impedance external source, at
VDDN (pin 22) or GND levels.
This can be useful, for example, in applications where
the external antenna is not powered by the SE4150L
feed, or to facilitate user override via the host
processor man-machine interface.
The external source applied to ANT_DET (pin 8) must
be able to source >300 uA into the pin, or sink >70 uA
out of the pin to allow guaranteed levels to be set.
Mixer RF Input
The mixer RF input, MIX_IN (pin 11), is a single-
ended 50 Ω input designed to interface either to
ANT_SW_OUT (pin 7) or to the output of an external
filter. An external active antenna can also be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com