Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
12
AC Electrical Characteristics, Receiver
Conditions: VCC = VDDN = 3.3 V, TA = 25°C, fRF = 1575.42 MHz unless otherwise stated
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
GMIXER
Voltage Gain of Mixer and Low Noise Buffer
1
-
32
-
dB
2
24
dB
NFRX
Noise Figure,
fRF = 1570 MHz To 1580 MHz,
Input to MIX_IN (pin 11)
1
-
6.5
-
dB
S11RX
S11, into 50 Ω, fRF = 1570 MHz to 1580 MHz
-
-
-14
-
dB
fIF
IF Center Frequency
(16.368 MHz reference)
3
-
+4.092
-
MHz
IF Center Frequency
(16.367667 MHz reference)
3
-
+4.124
-
MHz
IF Center Frequency
(16.3676 MHz reference)
3
-
+4.1304
-
MHz
MIX_IR
Mixer Image Rejection
4
20
30
dB
BW
Filter -3 dB Bandwidth
5
-
2.2
-
MHz
ARIP
Filter Amplitude ripple , fC ± 512 kHz
-
-
0.5
-
dBpp
Av2
Selectivity at fC ± 2 MHz
-
-
8
-
dB
Av4
Selectivity at fC ± 4 MHz
-
-
23
-
dB
GBPF
Gain of Band-pass Filter
-
-
25
-
dB
GAGCMAX
Gain of AGC, Maximum
-
-
42
-
dB
GAGCMIN
Gain of AGC, Minimum
-
-
-8
-
dB
PMAX
Maximum Signal Load at MIX_IN (pin 11)
(for normal AGC operation)
6
-
-
-137
dBm/Hz
Note:
(1) Mixer mode set to “High gain”. HW_0 = ‘1’
(2) Mixer mode set to “Low gain”. HW_0 = ‘0’
(3) Positive IF frequency denotes no spectral inversion, negative frequency has inverted spectrum
(4) Ratio of level through mixer between wanted input signal at 1575.42 MHz and image signal at 1567.236
MHz (ref. freq. = 16.368 MHz).
(5) Centered at IF CF = 4.092 MHz.
(6) The application should be designed to meet this maximum level across 1575.42 ±5 MHz. An absence of
strong interferers is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com