Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
6
connected directly to MIX_IN (pin 11) in some
applications.
The image reject mixer ensures that the receiver’s full
sensitivity is achieved without an external filter. For
applications where additional selectivity is required,
an external filter can be added between the
ANT_SW_OUT (pin 7) and MIX_IN (pin 11) pins.
IF Filter
The SE4150L includes a fully integrated Intermediate
Frequency (IF) filter which provides excellent
interference rejection with no additional external
components. The filter has a 3rd order Butterworth
bandpass response.
The bandpass response has a nominal bandwidth of
2.2 MHz; the nominal center frequency is preset to
4.092 MHz. These parameters ensure very low
implementation
loss
in
all
frequency
plan
configurations.
AGC and ADC
The SE4150L features a linear IF chain with 2-bit
SIGN / MAG ADC. SIGN output is pin 20, and MAG
output is pin 19.
An Automatic Gain Control (AGC) system is included.
This provides 50 dB of gain control range so that the
output signal level is held at an optimum level at the
input of the ADC.
The MAG data controls the AGC loop, such that the
MAG bit is active (HIGH) for approximately 33% of the
time.
The SIGN (pin 20) and MAG (pin 19) signals are
latched by the falling edge of the sample clock,
CLK_OUT (pin 21) within the ADC. The SIGN and
MAG signals, once they arrive at the GPS baseband
IC, are best re-sampled on the rising edge of
CLK_OUT, for optimum sample and hold.
The AGC time constant is determined by a single
external capacitor, connected between VAGC (pin 1),
and VSSN / GND. The settling-time of the AGC is
within 10ms with a 10nF capacitor.
PLL and Loop Filter
The entire Phase-Locked Loop (PLL) generating the
local oscillator for the mixer is contained on-chip.
A classic three-element RC PLL loop filter has been
implemented on-chip between the output of the
internal charge pump and GND / VSSN. The PLL
follows a classic 3rd-order response. Typical PLL
Loop- Bandwidth is set to be approx. 200kHz.
The reference frequency for the PLL is provided by an
external reference source; normally a TCXO.
TCXO Connection
The SE4150L can be used with an external TCXO.
The TCXO should have a clipped sinewave signal
output which is connected to the TCXO_IN (pin 15)
input.
The supply to the external TCXO can be connected to
pin 13 of the SE4150L. The VCC_TCXO supply is
disabled when the SE4150L is in stand-by mode.
The VCC_TCXO pin can be left floating if a direct
connection from VCC to the power supply of the
external TCXO is desired.
VCC_TCXO supply modes
RX_EN
Logic
level
CLK_EN
Logic
level
Note
VCC_TCXO
output
‘0’
‘0’
-
OPEN
‘0’
‘1’
1
VCC
‘1’
‘1’
1
VCC
Note:
(1) TCXO supply current limited to 30 mA
max.
Clock and Data Output Coupling
The high input sensitivity achieved by the SE4150L’s
internal LNA requires careful control of harmonically
related sources of interference.
For this reason the CLK_OUT (pin 21), SIGN (pin 20)
and MAG (pin 19) outputs provide carefully controlled
current and slew-rate. The data and clock outputs of
the SE4150L are specified to drive up to 15pF load
(N.B. the max standard CMOS input capacitance is
10pF). The output drive of the SE4150L can be
adjusted with a resistor connected between VDDQ
(pin 14) and RVI (pin 12), as shown in the Logic
Output Current Drive Adjustment Settings section
below.
The output current drive is determined by a bias
current ratio internal to the SE4150L and the external
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com