Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
7
Hardware Configuration
The SE4150L can be configured to change the LNA
Gain/Linearity and the Mixer Gain/Linearity by means
of the settings on the HW_0 (pin 16) and HW_1
(pin 17) logic inputs. The adjustment of the gain and
linearity allow the SE4150L to be used in differing
environments, either with significant co-located
interference sources (e.g. mobile phone) or no
interference sources (e.g. PND).
LNA Gain & Linearity Selection
The SE4150L supports two settings for gain and input
IP3 in the on-chip LNA.
Supported LNA Gain & Linearity Modes
LNA
Mode
LNA
Gain
LNA IIP3
Hi Gain
20 dB
-6 dBm
Lo Gain
17 dB
-12 dBm
Mixer Gain Selection
The SE4150L supports two gain settings for the on-
chip mixer.
Supported Mixer Gain Modes
Mixer
Mode
Mixer
Buffer
Gain
Hi Gain
32 dB
Lo Gain
24 dB
The following truth table gives the settings for
hardware configuration of both the LNA Gain/Linearity
and also the Mixer Gain/Linearity.
Hardware Configuration
LNA Mode
Mixer Mode
Selection value
(HW_<1:0>)
Hi Gain
Hi Gain
11
Lo Gain
Lo Gain
00
Power Management
The SE4150L uses RX_EN (pin 5) to put the device
into standby. In standby mode, all circuits are off and
the device consumes only leakage current.
The RX_EN input has a 200 kΩ pull-down resistor to
GND, on-chip. This ensures that the RFIC will put
itself in standby when the RX_EN controller on the
baseband is tri-stated to an impedance much greater
than 200 kΩ.
The internal LNA can be disabled by connecting the
Vcc supply connection to the LNA, VCC_LNA (pin 6)
to GND. This may be desirable in some applications,
and prevents the LNA from consuming any current,
saving approximately 5mA.
The sample clock output, CLK_OUT (pin 21) can be
kept active by setting CLK_EN (pin 18) pin to logic ‘1’
(HI). This will cause all circuits required to produce
the CLK_OUT signal to remain active, even when the
receiver is forced into Standby mode (RX_EN (pin 5)
set to Logic ‘0’).
Logic Interfacing
The SE4150L Logic Inputs can either be driven from
an external baseband IC, or permanently set by
connecting to either VDDN (pin 22) for Logic ‘1’, or
GND for Logic ‘0’. The digital interface on the
SE4150L, supplied from VDDN, has been designed to
operate at the same voltage as the GPS baseband
IC.
The ANT_DET (pin 8) output is sourced from the
antenna current detector, and is also connected to the
internal antenna switch; the switch toggles the RF
signal source automatically when an external active
antenna is connected.
The antenna current detector can be overridden by
applying a low impedance source (<10kΩ impedance)
at VDDN (pin 22) or GND levels to ANT_DET (pin 8),
such as a logic output from a GPIO pin on the GPS
Baseband IC. This means that automatic switching
can be activated by leaving the GPIO pin on the
Baseband IC in a high impedance state, or overridden
by setting to the appropriate state.
The SE4150L Logic Input and Output signals are
shown in the following tables:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com