Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
10
AC Electrical Characteristics, LNA
Conditions: VCC = VDDN = 3.3 V, TA = 25°C, fRF = 1575.42 MHz unless otherwise stated
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
ICC_LNA
LNA Supply Current
1
-
5.0
-
mA
2
-
3.0
-
mA
S21_LNA
Forward Gain
1
-
20
-
dB
2
-
17
-
dB
NFLNA
Noise Figure
1, 3
-
0.9
-
dB
2, 3
-
1.1
-
dB
IP1dB
Input compression point
-
-13
-
dBm
IIP3LNA
Input IP3, tones at 1575 ± 50 MHz @ –40
dBm
1
-
-6
-
dBm
2
-
-12
-
dBm
S11_LNA
S11, into 50 Ω, fRF = 1570 MHz to 1580 MHz
3
-
-8
-
dB
S22_LNA
S22, into 50 Ω, fRF = 1570 MHz to 1580 MHz
-
-15
-
dB
Note:
(1) LNA mode set to “High gain”. HW_1 = ‘1’
(2) LNA mode set to “Low gain”. HW_1 = ‘0’
(3) With specified input matching network
AC Electrical Characteristics, External Antenna Path
Conditions: VCC = VDDN = 3.3 V, TA = 25°C,
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILANTSW1
Insertion Loss, ANT1_IN to ANT_SW_OUT
-
0.7
-
dB
ISOLANTSW Isolation Between Switch Input Ports
-
-20
-
dB
S11ANTSW
S11, into 50 Ω, ANT1_IN enabled
-
-15
-
dB
S22ANTSW
S22, into 50 Ω, ANT_SW_OUT enabled
-
-15
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com