Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE4150L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
2
Functional Block Diagram
SIGN
SE4150L
Phase /
Freq.
Detector
Quadrature
÷
2
Feedback
Divider
IF Filter
~
~
~
VCO
-45°
+45°
ADC
~
AGC
Controller
I
Q
VCC_TCXO
TCXO IN
VAGC
CLK_OUT
Chip
Control
RX_EN
MAG
RVI
LN
Buffer
Optional
filter
LNA_IN
ANT_SW_OUT
MIX_IN
PLL Loop
Filter
Reference
Buffer
Mix Gain
ANT1_IN
Antenna
Current
Detect
ANT_FEED
ANT_BIAS
ANT_DET
Charge
Pump
PLL
LNA
HW_0
HW_1
CLK_EN
LNA Gain
Filter Gain
To External Active
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com