Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
13
AC Electrical Characteristics, VCO and Local Oscillator
Conditions: VCC = VDDN = 3.3 V, TA = 25°C
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
fLO
LO Center Frequency
(16.368 MHz reference)
1
-
1571.328
-
MHz
LO Center Frequency
(16.367667 MHz reference)
1
-
1571.296
-
MHz
LO Center Frequency
(16.3676 MHz reference)
1
-
1571.2896
-
MHz
L1k
LO SSB Phase Noise at 1 kHz Offset
2
-
-82
-
dBc/Hz
L10k
LO SSB Phase Noise at 10 kHz Offset
2
-
-82
-
dBc/Hz
L100k
LO SSB Phase Noise at 100 kHz Offset
2
-
-85
-
dBc/Hz
fCLK
CLK_OUT (pin 21) Frequency
(16.368 MHz reference)
-
-
16.368
-
MHz
Note:
(1)
VCO frequency operates at 2x LO frequency.
(2)
Typical PLL Loop Bandwidth = 200 kHz
AC Electrical Characteristics, Reference Oscillator Input
Conditions: VCC= VDD =3.3 V, TA =25°C
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
VIN
External oscillator drive level
-
0.2
1
1.7
V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com