Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE4150L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
1
Applications
High sensitivity / low power GPS / A-GPS apps.
Personal Navigation Devices (PNDs) , mobile
phones, and GPS peripheral devices
Features
Single-conversion L1-band GPS radio with
integrated IF filter
Integrated LNA with high-gain (20 dB typ.) and low
NF (0.9 dB typ.)
Integrated antenna switching with active antenna
current detection
Low cascaded system noise figure of 1.2 dB typical
2-bit SIGN & MAG digital IF output
2.7 V - 3.6 V operation
Standby current <10 µA
Fully integrated PLL synthesizer, VCO & loop filter
compatible with 16.368 MHz ref. frequency
4 x 4 x 0.9 mm 24 pin QFN
Pb-free, RoHS compliant and Halogen free
Ordering Information
Part No.
Package
Remark
SE4150L-R
24 pin QFN
Shipped in Tape & Reel
Product Description
The SE4150L is a highly integrated GPS receiver IC
offering high performance and low-power operation in a
wide range of low-cost applications. It is particularly
well-suited to high sensitivity L1-band GPS systems.
The SE4150L is ideal for use in GPS receivers needing
dual-antenna inputs. The SE4150L includes two RF
inputs with integrated antenna switching and external
active-antenna current detection. A high-linearity on-
chip LNA is used with one of the inputs, allowing the
SE4150L to be used in multi-function wireless systems,
without the need for additional external LNA devices. A
fully integrated image-reject low-IF mixer is used with a
linear AGC, an on-chip IF filter, and a 2-bit analogue-to-
digital converter (ADC).
The SE4150L features two gain control modes, to
optimize the performance of the LNA and mixer for
systems which either require high signal handling, or
systems which need minimal supply current.
The SE4150L synthesizer is fully integrated including
the VCO and PLL loop-filter. The synthesizer can
operate from a 16.368 MHz reference frequency,
normally with an external TCXO.
The SE4150L is optimized for operation from a 3.3 V
core power supply. It incorporates current-controlled
low-spurious output buffers which may operate from a
separate external supply. Output buffers supply
sufficient current to drive up to 15 pF load directly.


Similar Part No. - SE4150L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4150L-R SIGE-SE4150L-R Datasheet
90Kb / 2P
GPS Receiver IC Preliminary Datasheet
More results

Similar Description - SE4150L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Infineon Technologies A...
CFH120 INFINEON-CFH120 Datasheet
242Kb / 20P
Preliminary Datasheet
Rev. 3.0/Jan 11th, 2002
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
GPS RECEIVER
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110L SIGE-SE4110L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
GPS Receiver IC Preliminary Datasheet
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
List of Unclassifed Man...
ORG4400 ETC-ORG4400 Datasheet
1Mb / 36P
GPS RECEIVER MODULE DATASHEET
Revision 1.0 March 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com