Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 18Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
14
Logic Level Characteristics – Input Pins
Conditions: VCC = VDDN = 3.3 V, TA = 25°C. Applies to logic pins used as inputs: RX_EN (pin 5), HW_0 (pin 16),
HW_1 (pin 17) and CLK_EN (pin 18).
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
VIH
Logic High Input Voltage
-
0.7 VDDN
-
VDDN
V
VIL
Logic Low Input Voltage
-
0
-
0.4
V
IIH
Input Current Logic High Voltage
-
-
200
-
nA
IIH_RX_EN
Input Current Logic High Voltage for
RX_EN Input (pin 5)
1
-
16.5
-
μA
IIL
Input Current Logic Low Voltage
-
-
-200
-
nA
CILOAD
Input Load Capacitance
-
-
-
2
pF
Note:
(1)
Applies to RX_EN (pin 5) only. Figure dominated by 200kΩ (nom) on-chip pull-down resistor.
Logic Level Characteristics – Output Pins
Conditions: VCC = VDDN = 3.3 V, TA = 25°C. Applies to logic pins used as outputs: CLK_OUT (pin 21), SIGN (pin 20),
and MAG (pin 19).
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
VOH
Logic High Output Voltage
-
VDDN - 0.1V
-
VDDN
V
VOL
Logic Low Output Voltage
-
0
-
0.1
V
COLOAD
Output Load Capacitance
-
-
-
15
pF
Note:
(1)
Output Current set at Nominal level; no Current Setting Resistor on RVI (pin 12). Positive value
indicates current source; negative value indicates current sink.
ANT_DET (pin 8) Characteristics
ANT_DET (pin 8) is an input and output logic signal. In output mode, it operates as an indicator of the current through
ANT_BIAS (pin 2). In input mode, an input needs to be applied which overrides the output from the pin, to force the
internal antenna-switch.
ANT _BIAS
Current
Note
External Forced I/P on
ANT_DET
Isink
Impedance
to VCC
ANT_DET Output
Logic Level
Antenna Switch
Signal Path (to
ANT_SW_OUT)
<0.85mA
1
-
300 uA
LO (0)
LNA_IN
>1mA
2
-
0 uA
50kΩ
HI (1)
ANT1_IN
<0.85mA
1,3
Low impedance to VCC
150 uA
Forced HI
ANT1_IN
>1mA
2
Low impedance to GND
0 uA
100kΩ
Forced LO
LNA_IN
Note:
(1)
No external active antenna connected.
(2)
External active antenna connected
(3)
The difference between the internal logic level and the output level is sensed and the output drive is
reduced, to save current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com