Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 18Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 19Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 20Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 21Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
17
Typical Application Circuit Diagram – Standard PND Application
This is a standard PND application circuit with provision for a switched external active antenna. An inter-stage SAW filter is included for acceptable blocking
performance, and is used for both internal and external antenna connections.
TCXO
16.368MHz
VCC_TCXO
VDDQ
10nF
CLK_EN
10nF
TCXO_IN
ANT1_IN
10nF
VCC
VCC
VCC
VDD
VCC
or
VCC_TCXO
VCC_LNA
GPS RF INPUT
FROM EXTERNAL
ACTIVE ANTENNA
OUTPUTS TO
GPS
BASEBAND IC
SAW Filter,
1575.42MHz CF,
20MHz BW
100nF
10nF
10nF
3.4 nH
1
2
3
4
5
6
18
17
16
15
14
13
SE4150L
RECEIVER ENABLE
(INPUT FROM
GPS BASEBAND IC)
Underside Ground Paddle
Pin 1 Mark
22pF
VAGC
ANT_BIAS
LNA_IN
100pF
39nH
22pF
GPS RF INPUT
FROM INTERNAL
PASSIVE ANTENNA
RX_EN
VCC
0R
VCC
100nF
HW_1
HW_0
CLK_OUT
SIGN
MAG
TO GPS
BASEBAND IC
INPUT/OUTPUT
Adjust value for desired
CLK/SIGN/MAG output
drive current
VDD can be same
potential as VCC, or supply
voltage used for GPS
Baseband IC IO
Series capacitor only
required if antenna has
DC path to GND
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com