Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
11
DC Electrical Characteristics, Antenna Current Detector
Conditions: VCC = VDDN = 3.3 V, TA = 25°C,
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
ION_ABIAS
Current Threshold for ANT_DET = HI
1
-
1
-
mA
IOFF_ABIAS
Current Threshold for ANT_DET = LO
1
-
0.85
-
mA
VDROP OUT_10m
ANT_FEED to ANT_BIAS Drop-out
Voltage, 10 mA load
-
-
0.075
-
V
VDROP OUT_5m
ANT_FEED to ANT_BIAS Drop-out
Voltage, 5 mA load
-
-
0.04
-
V
I LIM_ABIAS
Short-circuit Current Limit, ANT_BIAS
2
-
-
50
mA
Note:
(1)
Detection thresholds have hysteresis; OFF threshold < ON threshold by ~ 150 µA.
(2)
Short circuit current can be sustained indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com