Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
9
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This IC can be damaged by electro-static discharges. Handling and assembly of this device should be
at ESD protected workstations.
Symbol
Parameter
Note
Min.
Max.
Unit
VCC/VDD
Supply Voltage
1
-0.3
+3.6
V
VX
Voltage On Any Pin With Respect To
GND
1, 3
-0.3
VDD+0.3
V
LNA_INMAX
LNA Input Power
-
+3
dBm
ANT1_INMAX
ANT1_IN Input Power
-
+3
dBm
ESD
Electrostatic Discharge Immunity (HBM)
1, 2
-
2
kV
TSTG
Storage Temperature Range
1
-40
+150
°C
TSLDR
Solder Reflow Temperature
1
-
+260
°C
Note:
(1) No damage assuming only one parameter is set at limit at a time with all other parameters set at or
below the recommended operating conditions.
(2) ESD checked to the Human Body Model (HBM). A charged 100 pF capacitor discharged through a
switch and 1.5 kΩ series resistor into the component.
(3) Maximum voltage on any pin should not exceed 3.6 V
Recommended Operating Conditions
Symbol
Parameter
Note
Min.
Max.
Unit
TA
Ambient Operating Temperature
-
-40
+85
°C
VCC
Main Supply Voltage
2.7
3.6
V
VDDN
Digital I/O Supply Voltage
1
2.7
3.6
V
Note:
(1) VDDN cannot exceed VCC
DC Electrical Characteristics
Conditions: VCC = VDDN = 3.3 V, TA = 25°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Total Supply Current, All Circuits Active
-
15
18
mA
ICC(LNA_OFF)
Total Supply Current, All Circuits Active
except LNA
-
10
13
mA
ICC(CLK)
Total supply current, receiver Shut Down,
clock circuits only active
-
1
-
mA
ICC(OFF)
Supply Current, All Circuits Shut Down
-
-
10
µ
A
ICC(LNA)
LNA Supply Current
-
5
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com