Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 18Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 19Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
15
Logic Level Characteristics – ANT_DET (pin 8) only
Conditions: VCC = VDDN = 3.3 V, TA = 25°C
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
VIH_ADET
Logic High (HI) Input Voltage
1
0.7 VDDN
-
VDDN
V
VIL_ADET
Logic Low (LO) Input Voltage
1
0
-
0.4
V
IIH_ADET
Input Current – Logic HI input voltage
1
-
-150
-
μA
IIL_ADET
Input Current – Logic LO input
voltage
1
-
(VDDN-VIL_ADET)
/0.1
-
μA
CILOAD_ADET
Input Load Capacitance
1
-
-
TBD
pF
VOH_ADET
Logic High (HI) Output Voltage
2
VDDN - 0.1V
-
VDDN
V
VOL_ADET
Logic Low (LO) Output Voltage
2
0
-
0.1
V
IOH_ADET
Output Current - Logic HI Output
Voltage
2, 3
-
(VDDN-VOH_ADET)
/0.05
-
μA
IOL_ADET
Output Current - Logic LO Output
Voltage
2, 3
-
-300
-
μA
COLOAD
Output Load Capacitance
2
-
-
15
pF
Note:
(1)
When ANT_DET (pin 8) forced with an external logic input.
(2)
When ANT_DET (pin 8) used as a logic output.
(3)
The ANT_DET (pin 8) output drive is asymmetric. When outputting logic ‘0’, the output looks like a
current sink of 300uA. When outputting logic ‘1’, the output looks like a pull up resistor of 50kohm to
VCC. The 300uA sink is enough to pull the output logic level to GND, with a 10kΩ resistor to VCC.
Logic Output Current Drive Adjustment Settings
The Logic Outputs on the SE4150L can be adjusted to compensate for parasitics in application board layout. This can
be achieved by adding a resistor between RVI (pin 12) and VDDQ (pin 14) as shown below.
The additional interface capacitance of PCB tracking and connectors between the SE4150L output and baseband IC
input is included in these figures.
These figures are Typical only, and are not guaranteed across temperature and silicon process.
Conditions:
VCC = VDDN = 3.3 V, TA = 25°C
Current Setting Resistor Value
(RVI (pin 12) to VDDQ (pin 14))
(Ω)
Maximum Allowable
Capacitive Loading
(pF)
Current Drive
Level
Not Fitted
7.5
Nominal
100K
9
X 1.2
39K
10.5
X 1.4
0R
15
X 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com