Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE4150L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
4
Pin No.
Name
Description
Connection
8
ANT_DET
External-antenna connected
detect output (controls internal
antenna switch
)
Logic 1 output (VDDN) = External active
antenna connected. Antenna switch routes the
ANT1_IN (pin 3) signal to ANT_SW_OUT (pin
7).
Logic 0 output (VSSN) = No external active
antenna connected. Antenna switch routes the
LNA_IN (pin 4) signal to ANT_SW_OUT (pin 7).
Antenna switch can be overridden by driving this
pin from a DC source (<10kΩ impedance)
9
VCC2
Power supply
Connect to VCC
10
VCC
Power supply
Connect to VCC
11
MIX_IN
Mixer input
DC bias on this pin. Connect to SAW filter output
or coupling capacitor.
12
RVI
Program baseband output drive
current
Leave unconnected
or
Connect via a resistor to analogue VCC for up to
2x output drive current
13
VCC_TCXO
Power supply to the external
TCXO
Connect to the TCXO Supply or leave
unconnected
14
VDDQ
Power supply for quiet digital
circuits
Connect to VCC
15
TCXO_IN
TCXO connection
Connect to AC coupled TCXO reference signal
16
HW_0
Hardware mode select pin (bit 0)
Select desired LNA and mixer linearity setting as
per “Hardware Configuration” table (Connect to
VDDN or VSSN / GND as required)
17
HW_1
Hardware mode select pin (bit 1)
18
CLK_EN
Clock output enable in standby
mode
Connect to VDDN to enable CLK_OUT signal
(pin 21)
Connect to VSSN / GND to disable CLK_OUT
signal
19
MAG
MAG IF output
ADC MAG output to baseband IC, at VDDN logic
levels
20
SIGN
SIGN IF output
ADC SIGN output to baseband IC, at VDDN
logic levels
21
CLK_OUT
Clock output
ADC sample clock output to baseband IC, at
VDDN logic levels
22
VDDN
Digital power supply for digital
interface
Connect to VDD, or digital supply for baseband
IC
23
VSSN
Ground return for digital interface
Connect to GND, or digital ground for baseband
IC
24
ANT_FEED
Power supply to external active
antenna, via ANT_BIAS (and
antenna current detect IC block)
Connect to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com