Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 18 Page - Skyworks Solutions Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE4150L-R Datasheet(HTML) 18 Page - Skyworks Solutions Inc.

Back Button SE4150L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 18Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 19Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 20Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 21Page - Skyworks Solutions Inc. SE4150L-R Datasheet HTML 22Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DATA SHEET
SE4150L: GPS Receiver IC
Preliminary Datasheet
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202445B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 1, 2019
18
Typical Application Circuit Diagram – PND Application with Co-Located Interference Sources
This is a two-SAW circuit with provision for a switched external active antenna. Both a front-end SAW (for the internal antenna) and a further inter-stage SAW filter
are included for acceptable blocking performance in a co-located interferer environment (e.g. WLAN or cellphone).
TCXO
16.368MHz
VCC_TCXO
VDDQ
10nF
CLK_EN
10nF
TCXO_IN
ANT1_IN
10nF
VCC
VCC
VCC
VDD
VCC
or
VCC_TCXO
VCC_LNA
GPS RF INPUT
FROM EXTERNAL
ACTIVE ANTENNA
OUTPUTS TO
GPS
BASEBAND IC
SAW Filter,
1575.42MHz CF,
20MHz BW
100nF
10nF
10nF
3.4 nH
1
2
3
4
5
6
18
17
16
15
14
13
SE4150L
RECEIVER ENABLE
(INPUT FROM
GPS BASEBAND IC)
Underside Ground Paddle
Pin 1 Mark
22pF
VAGC
ANT_BIAS
LNA_IN
100pF
39nH
22pF
GPS RF INPUT
FROM INTERNAL
PASSIVE ANTENNA
RX_EN
VCC
0R
VCC
100nF
HW_1
HW_0
CLK_OUT
SIGN
MAG
TO GPS
BASEBAND IC
INPUT/OUTPUT
Adjust value for desired
CLK/SIGN/MAG output
drive current
VDD can be same
potential as VCC, or supply
voltage used for GPS
Baseband IC IO
VCC
VCC
SAW Filter,
1575.42MHz CF,
20MHz BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com