Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 23Page - Texas Instruments ADC3910CSSS Datasheet HTML 24Page - Texas Instruments ADC3910CSSS Datasheet HTML 25Page - Texas Instruments ADC3910CSSS Datasheet HTML 26Page - Texas Instruments ADC3910CSSS Datasheet HTML 27Page - Texas Instruments ADC3910CSSS Datasheet HTML 28Page - Texas Instruments ADC3910CSSS Datasheet HTML 29Page - Texas Instruments ADC3910CSSS Datasheet HTML 30Page - Texas Instruments ADC3910CSSS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
5.14 Typical Characteristics - 125MSPS (continued)
Typical values at TA = 25°C, ADC sampling rate = 125MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V,
internal 1.2V voltage reference, unless otherwise noted.
Input Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
SNR = 59.1dBFS, SFDR = 66dBc, Non-HD23 = 71dBFS
Figure 5-50. Single Tone FFT at FIN = 90MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
AIN = -7dBFS/tone, IMD3 = -84dBc
Figure 5-51. Two Tone FFT at FIN = 10/12MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
AIN = -7dBFS/tone, IMD3 = -97dBc
Figure 5-52. Two Tone FFT at FIN = 90/92MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
70
80
90 100 110 120
60
60
60.1
64
60.2
68
60.3
72
60.4
76
60.5
80
60.6
84
60.7
88
60.8
92
60.9
96
61
100
SNR, ext REF
SFDR, ext REF
Non HD23, ext REF
SNR, int REF
SFDR, int REF
Non-HD23, int REF
Figure 5-53. AC Performance vs Input Frequency
Input Amplitude (dBFS)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
58
10
58.5
20
59
30
59.5
40
60
50
60.5
60
61
70
61.5
80
62
90
62.5
100
63
110
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 5-54. AC Performance vs Input Amplitude
FIN = 10MHz
Figure 5-55. AC Performance vs Sampling Rate
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com