Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 56 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 52Page - Texas Instruments ADC3910CSSS Datasheet HTML 53Page - Texas Instruments ADC3910CSSS Datasheet HTML 54Page - Texas Instruments ADC3910CSSS Datasheet HTML 55Page - Texas Instruments ADC3910CSSS Datasheet HTML 56Page - Texas Instruments ADC3910CSSS Datasheet HTML 57Page - Texas Instruments ADC3910CSSS Datasheet HTML 58Page - Texas Instruments ADC3910CSSS Datasheet HTML 59Page - Texas Instruments ADC3910CSSS Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 131 page
background image
Table 6-13. DEV_CFG_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3:0
RESERVED
R
0h
6.6.1.8 DEV_CFG_2 Register (Address = 89h) [Reset = 00h]
Return to the Summary Table.
Table 6-14. DEV_CFG_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DCLK_FL_DLY__0
R/W
0h
Adjust the delay on the falling edge of DCLK where T is the period of
DCLK.
0b = No adjustment
1b = T/20 (T/10 with HFSB = 1)
1010b = -T/10 (-T/5 with HFSB = 1)
1011b = -T/20 (-T/10 with HFSB = 1)
6
DIG_DCLK
R/W
0h
By default CLK is DCLK for digital blocks. Enable when CLK and
DCLK are different and DCLKIN is used.
0b = CLK used as DCLK for digital blocks
1b = DCLKIN used as DCLK for digital blocks
5
DIG_DATA
R/W
0h
Data from digital block used as output data.
0b = Digital data to output data disabled
1b = Digital data to output data enabled
4:0
RESERVED
R
0h
6.6.1.9 CLK_CFG_1 Register (Address = 8Ah) [Reset = 00h]
Return to the Summary Table.
Table 6-15. CLK_CFG_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
5
DIG_CLK_SEL
R/W
0h
By default CLK is DCLK for digital blocks. Enable when CLK and
DCLK are different and DCLKIN is used.
0b = CLK used as CLK for digital blocks
1b = Relatched CLK using DCLKIN used as CLK for digital blocks
4
RESERVED
R
0h
3
CHB_CLK
R/W
0h
Enable when only ADC channel A is disabled, ADC channel B is
enabled and HDDR interface mode is used.
2:1
DCLK_RISE_DLY
R/W
0h
Adjust the delay on the rising edge of DCLK where T is the period of
DCLK.
00b = No adjustment
01b = T/20 (T/10 with HFSB = 1)
10b = -T/10 (-T/5 with HFSB = 1)
11b = -T/20 (-T/10 with HFSB = 1)
0
DCLK_FL_DLY__1
R/W
0h
Adjust the delay on the falling edge of DCLK where T is the period of
DCLK.
0b = No adjustment
1b = T/20 (T/10 with HFSB = 1)
10b = -T/10 (-T/5 with HFSB = 1)
11b = -T/20 (-T/10 with HFSB = 1)
6.6.1.10 CLK_CFG_2 Register (Address = 8Bh) [Reset = 00h]
Return to the Summary Table.
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
56
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com