Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 77 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 77 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 73Page - Texas Instruments ADC3910CSSS Datasheet HTML 74Page - Texas Instruments ADC3910CSSS Datasheet HTML 75Page - Texas Instruments ADC3910CSSS Datasheet HTML 76Page - Texas Instruments ADC3910CSSS Datasheet HTML 77Page - Texas Instruments ADC3910CSSS Datasheet HTML 78Page - Texas Instruments ADC3910CSSS Datasheet HTML 79Page - Texas Instruments ADC3910CSSS Datasheet HTML 80Page - Texas Instruments ADC3910CSSS Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
Table 6-85. BUF_CURR Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5:2
BUF_CURR_CHA
R/W
0h
ADC channel A input buffer PTAT current source mask used for gain
tracking across temperature for stability.
0000b = 19.9uA (default)
0001b = 26.5uA
0010b = 13.3uA
0011b = 19.9uA
0100b = 29.9uA
0101b = 36.5uA
0110b = 23.3uA
0111b = 29.9uA
1000b = 6.6uA
1001b = 13.2uA
1010b = 0uA
1011b = 6.6uA
1100b = 16.6uA
1101b = 23.2uA
1110b = 10uA
1111b = 16.6uA
1:0
BUF_CURR_CHB__3:2
R/W
0h
ADC channel B input buffer PTAT current source mask LSB's used
for gain tracking across temperature for stability.
00b = 19.9uA (default)
01b = 26.5uA
10b = 13.3uA
11b = 19.9uA
100b = 29.9uA
101b = 36.5uA
110b = 23.3uA
111b = 29.9uA
1000b = 6.6uA
1001b = 13.2uA
1010b = 0uA
1011b = 6.6uA
1100b = 16.6uA
1101b = 23.2uA
1110b = 10uA
1111b = 16.6uA
6.6.1.80 DEV_CFG_4 Register (Address = 30Bh) [Reset = 00h]
Return to the Summary Table.
Table 6-86. DEV_CFG_4 Register Field Descriptions
Bit
Field
Type
Reset
Description
6
EXT_REF
R/W
0h
Selects the voltage reference option
0b = Internal reference
1b = External reference
5
SE_EN
R/W
0h
Single ended analog input for ADC channels A and B. In this mode
the SNR reduces by 3-dB.
0b = Differential input
1b = Single ended input
4
SINGLE_CH
R/W
0h
Disables ADC channel B
0b = ADC channel B enabled
1b = ADC channel B disabled (enforced on single channel devices)
3
RESERVED
R
0h
2
HALF_SPEED
R/W
0h
Half speed mode (HFSB). Enable when sample clock is less than 65
MSPS.
0b = Half speed mode disabled
1b = Half speed mode enabled (enforced on 25MSPS and 65MSPS
devices)
1
RESERVED
R
0h
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com