Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 40 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 36Page - Texas Instruments ADC3910CSSS Datasheet HTML 37Page - Texas Instruments ADC3910CSSS Datasheet HTML 38Page - Texas Instruments ADC3910CSSS Datasheet HTML 39Page - Texas Instruments ADC3910CSSS Datasheet HTML 40Page - Texas Instruments ADC3910CSSS Datasheet HTML 41Page - Texas Instruments ADC3910CSSS Datasheet HTML 42Page - Texas Instruments ADC3910CSSS Datasheet HTML 43Page - Texas Instruments ADC3910CSSS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
Table 6-3. Serial CMOS Lane Rate Examples with Real Decimation and 12/16-bit Output Resolution
Output
Resolution
Decimation
Lanes
Serialization
DCLK
DCLK Divider
FCLK
Register 0xA7
Register 0x200
Registers
0xAE...B3
Register 0xA6
Register 0xA8
Register 0x88
8 bits
Bypass
8
1
FS
/1
N/A
10 bits
10
1
FS
/1
N/A
12 bits
12
1
FS
/1
N/A
/2
12
1
FS / 2
/2
N/A
/4
12
1
FS / 4
/4
N/A
/8
12
1
FS / 8
/8
N/A
/16
12
1
FS /16
/16
N/A
16 bits
/2
8
2
FS
/2
FS / 2
/4
8
2
FS / 2
/4
FS / 2
4
4
FS
FS / 4
/8
8
2
FS / 4
/8
FS / 2
4
4
FS / 2
FS / 4
2
8
FS
FS / 8
/16
8
2
FS / 8
/16
FS / 2
4
4
FS / 4
FS / 4
2
8
FS / 2
FS / 8
Note
16 bit resolution does not support a serialization factor of 1.
B0
B1
B6
B7
B8
B9
B14
B15
DCLK
Sample N
D11
D05
D04
D10
A15
A14
A9
A8
A7
A6
A1
A0
DDR
DEFAULT
8 Lane
2x Serializa on
B8
B9
B14
B15
B0
B1
B6
B7
A0
A1
A6
A7
DCLK
Sample N
D11
D05
D04
D10
A15
A14
A9
A8
FCLK
DDR
8 Lane
2x Serializa on
B12
B15
B4
B5
A4
A7
B0
B2
A0
A3
B8
B8
A8
A11
Sample N
D11
D05
D02
D08
A15
A12
DCLK
HDDR
8 Lane
2x Serializa on
B12
B15
B4
B5
A4
A7
B0
B2
A0
A3
B8
B8
A8
A11
Sample N
D11
D07
D04
D08
A15
A12
DCLK
SDR
8 Lane
2x Serializa on
FCLK
FCLK
FCLK
Figure 6-21. 16 Bit, 8 Lanes, 2x Serialization
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com