Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 89 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 89 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 85Page - Texas Instruments ADC3910CSSS Datasheet HTML 86Page - Texas Instruments ADC3910CSSS Datasheet HTML 87Page - Texas Instruments ADC3910CSSS Datasheet HTML 88Page - Texas Instruments ADC3910CSSS Datasheet HTML 89Page - Texas Instruments ADC3910CSSS Datasheet HTML 90Page - Texas Instruments ADC3910CSSS Datasheet HTML 91Page - Texas Instruments ADC3910CSSS Datasheet HTML 92Page - Texas Instruments ADC3910CSSS Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
Table 6-128. 0x113 Register Field Descriptions
Bit
Field
Type
Reset
Description
4:0
STATS_HI_COUNT_N1_C
HA__16
R
0h
Number of samples on channel A above STATS THRESHOLD HI
CHA counted in window N-1
6.6.2.38 0x114 Register (Address = 114h) [Reset = 00h]
Return to the Summary Table.
Table 6-129. 0x114 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_HI_COUNT_N1_C
HB__7:0
R
0h
Number of samples on channel B above STATS THRESHOLD HI
CHB counted in window N-1
6.6.2.39 0x115 Register (Address = 115h) [Reset = 00h]
Return to the Summary Table.
Table 6-130. 0x115 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_HI_COUNT_N1_C
HB__15:8
R
0h
Number of samples on channel B above STATS THRESHOLD HI
CHB counted in window N-1
6.6.2.40 0x116 Register (Address = 116h) [Reset = 0h]
Return to the Summary Table.
Table 6-131. 0x116 Register Field Descriptions
Bit
Field
Type
Reset
Description
0
STATS_HI_COUNT_N1_C
HB__16
R
0h
Number of samples on channel B above STATS THRESHOLD HI
CHB counted in window N-1
6.6.2.41 0x118 Register (Address = 118h) [Reset = 00h]
Return to the Summary Table.
Table 6-132. 0x118 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_LO_COUNT_N1_
CHA__7:0
R
0h
Number of samples on channel A below STATS THRESHOLD LO
CHA counted in window N-1
6.6.2.42 0x119 Register (Address = 119h) [Reset = 00h]
Return to the Summary Table.
Table 6-133. 0x119 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_LO_COUNT_N1_
CHA__15:8
R
0h
Number of samples on channel A below STATS THRESHOLD LO
CHA counted in window N-1
6.6.2.43 0x11A Register (Address = 11Ah) [Reset = 0h]
Return to the Summary Table.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com