Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 51 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 47Page - Texas Instruments ADC3910CSSS Datasheet HTML 48Page - Texas Instruments ADC3910CSSS Datasheet HTML 49Page - Texas Instruments ADC3910CSSS Datasheet HTML 50Page - Texas Instruments ADC3910CSSS Datasheet HTML 51Page - Texas Instruments ADC3910CSSS Datasheet HTML 52Page - Texas Instruments ADC3910CSSS Datasheet HTML 53Page - Texas Instruments ADC3910CSSS Datasheet HTML 54Page - Texas Instruments ADC3910CSSS Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 131 page
background image
6.5.1.2 Register Read
The device includes a mode where the contents of the internal registers can be read back using the SDIO pin.
This readback mode can be useful as a diagnostic check to verify the serial interface communication between
the external controller and the ADC. The procedure to read the contents of the serial registers is as follows:
1. Drive the SEN pin low
2. Set the R/W bit to 1. This setting disables any further writes to the registers. Initiate a serial interface cycle
specifying the address of the register (A[14:0]) whose content must be read
3. The device latches the contents (D[7:0]) of the selected register on the SDIO pin on SCLK falling edge
4. The external controller can capture the contents on the SCLK rising edge
Figure 6-34 show the timing requirements for the serial register Read operation.
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address <14:0>
Register Data <7:0>
A6
t
OZD
t
OD
t
ODZ
A7
A12
A11
A10
A9
A8
A14
A13
SDATA
SCLK
SEN
1
R/W
Figure 6-34. Serial Register Read Timing Diagram
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com