Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 9Page - Texas Instruments ADC3910CSSS Datasheet HTML 10Page - Texas Instruments ADC3910CSSS Datasheet HTML 11Page - Texas Instruments ADC3910CSSS Datasheet HTML 12Page - Texas Instruments ADC3910CSSS Datasheet HTML 13Page - Texas Instruments ADC3910CSSS Datasheet HTML 14Page - Texas Instruments ADC3910CSSS Datasheet HTML 15Page - Texas Instruments ADC3910CSSS Datasheet HTML 16Page - Texas Instruments ADC3910CSSS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
5.10 Timing Requirements (continued)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V,
Internal 1.2 V reference, 5 pF output load, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tPD
Propagation delay: sampling clock falling
edge to output data delay
Delay between sampling clock falling edge to
DCLKIN falling edge < 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
TS/4 +
3
ns
Delay between sampling clock falling edge to
DCLKIN falling edge >= 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
TS/4 +
3
tCD
DCLK rising edge to output data delay
4 Lane serial CMOS
Fout = 10 MSPS
-7.25
-6.25
-5.25
ns
Fout = 20 MSPS
-4.125 -3.125 -2.125
Fout = 30 MSPS
-3.08
-2.08
-1.08
DCLK rising edge to output data delay
2 Lane serial CMOS
Fout = 5 MSPS
-7.25
-6.25
-5.25
Fout = 10 MSPS
-4.125 -3.125 -2.125
Fout = 15 MSPS
-3.08
-2.08
-1.08
tDV
Data valid, 4 Lane serial CMOS
Fout = 10 MSPS
-7.25
-6.25
-5.25
ns
Fout = 20 MSPS
-4.125 -3.125 -2.125
Fout = 30 MSPS
-3.08
-2.08
-1.08
Data valid, 2 Lane serial CMOS
Fout = 5 MSPS
-7.25
-6.25
-5.25
Fout = 10 MSPS
-4.125 -3.125 -2.125
Fout = 15 MSPS
-3.08
-2.08
-1.08
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK,SCLK
Serial clock frequency
20
MHz
tS,SEN
SEN falling edge to SCLK rising edge
10
ns
tH,SEN
SCLK rising edge to SEN rising edge
10
tS,SDIO
SDIO setup time from rising edge of SCLK
17
tH,SDIO
SDIO hold time from rising edge of SCLK
9
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
tOZD
Delay from falling edge of 8th SCLK cycle during read operation for SDIO transition from
tri-state to valid data
3.9
10.8
ns
tODZ
Delay from SEN rising edge for SDIO transition from valid data to tri-state
3.4
14
tOD
Delay from falling edge of 8th SCLK cycle during read operation to SDIO valid
3.9
10.8
(1)
In low latency mode the default interface is DDR for dual channel devices and SDR for single channel devices. Other interface
configurations such as serial CMOS will add additional latency.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com