Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 79 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 79 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 75Page - Texas Instruments ADC3910CSSS Datasheet HTML 76Page - Texas Instruments ADC3910CSSS Datasheet HTML 77Page - Texas Instruments ADC3910CSSS Datasheet HTML 78Page - Texas Instruments ADC3910CSSS Datasheet HTML 79Page - Texas Instruments ADC3910CSSS Datasheet HTML 80Page - Texas Instruments ADC3910CSSS Datasheet HTML 81Page - Texas Instruments ADC3910CSSS Datasheet HTML 82Page - Texas Instruments ADC3910CSSS Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 131 page
background image
6.6.2 Statistics Engine Register Map
Table 6-90. Statistics Engine Registers
Address
Register Name
E4h
STATS_HI_COUNT_N_CHA_7:0
E5h
STATS_HI_COUNT_N_CHA_15:8
E6h
STATS_HI_COUNT_N_CHA_16
E8h
STATS_HI_COUNT_N_CHB_7:0
E9h
STATS_HI_COUNT_N_CHB_15:8
EAh
STATS_HI_COUNT_N_CHB_16
ECh
STATS_LO_COUNT_N_CHA_7:0
EDh
STATS_LO_COUNT_N_CHA_15:8
EEh
STATS_LO_COUNT_N_CHA_16
F0h
STATS_LO_COUNT_N_CHB_7:0
F1h
STATS_LO_COUNT_N_CHB_15:8
F2h
STATS_LO_COUNT_N_CHB_16
F4h
STATS_SUM_N_CHA_7:0
F5h
STATS_SUM_N_CHA_15:8
F6h
STATS_SUM_N_CHA_23:16
F7h
STATS_SUM_N_CHA_27:24
F8h
STATS_SUM_N_CHB_7:0
F9h
STATS_SUM_N_CHB_15:8
FAh
STATS_SUM_N_CHB_23:16
FBh
STATS_SUM_N_CHB_27:24
FCh
STATS_SUM_POW_N_CHA_7:0
FDh
STATS_SUM_POW_N_CHA_15:8
FEh
STATS_SUM_POW_N_CHA_23:16
FFh
STATS_SUM_POW_N_CHA_31:24
100h
STATS_SUM_POW_N_CHA_39:32
104h
STATS_SUM_POW_N_CHB_7:0
105h
STATS_SUM_POW_N_CHB_15:8
106h
STATS_SUM_POW_N_CHB_23:16
107h
STATS_SUM_POW_N_CHB_31:24
108h
STATS_SUM_POW_N_CHB_39:32
10Ah
STATS_MAX_N_CHA_7:0
10Bh
STATS_MAX_N_CHA_11:8
10Ch
STATS_MAX_N_CHB_7:0
10Dh
STATS_MAX_N_CHB_11:8
10Eh
STATS_MIN_N_CHA_7:0
10Fh
STATS_MIN_N_CHA_11:8
110h
STATS_MIN_N_CHB_7:0
111h
STATS_HI_COUNT_N1_CHA_7:0_MIN_N_CHB_11:8
112h
STATS_HI_COUNT_N1_CHA_15:8
113h
STATS_HI_COUNT_N1_CHA_16
114h
STATS_HI_COUNT_N1_CHB_7:0
115h
STATS_HI_COUNT_N1_CHB_15:8
116h
STATS_HI_COUNT_N1_CHB_16
118h
STATS_LO_COUNT_N1_CHA_7:0
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com