Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments ADC3910CSSS Datasheet HTML 10Page - Texas Instruments ADC3910CSSS Datasheet HTML 11Page - Texas Instruments ADC3910CSSS Datasheet HTML 12Page - Texas Instruments ADC3910CSSS Datasheet HTML 13Page - Texas Instruments ADC3910CSSS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
5.8 Electrical Characteristics - AC Specifications (65 MSPS) (continued)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, AVDD = IOVDD = 1.8 V, FS = 65 MSPS, FIN = 5 MHz, AIN = -1dBFS differential
input, Internal 1.2 V reference , and 50% clock duty cycle, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal to noise and distortion ratio,
excluding DC offset
fIN = 1.1 MHz
59.2
dBFS
fIN = 5 MHz
59.7
fIN = 10 MHz
59.8
fIN = 20 MHz
60.0
fIN = 40 MHz
59.5
fIN = 70 MHz
58.5
ENOB
Effective number of bits, excluding DC
offset
fIN = 1.1 MHz
9.8
Bit
fIN = 5 MHz
9.9
fIN = 10 MHz
9.9
fIN = 20 MHz
9.8
fIN = 40 MHz
9.8
fIN = 70 MHz
9.8
THD
Total Harmonic Distortion (First five
harmonics)
fIN = 1.1 MHz
-62
dBc
fIN = 5 MHz
-64
fIN = 10 MHz
-65
fIN = 20 MHz
-66
fIN = 40 MHz
-64
fIN = 70 MHz
-62
SFDR
Spur free dynamic range including
second and third harmonic
fIN = 1.1 MHz
63
dBFS
fIN = 5 MHz
57
65
fIN = 10 MHz
65
fIN = 20 MHz
66
fIN = 40 MHz
64
fIN = 70 MHz
62
SPUR
Spur free dynamic range (excluding
DC, HD2, HD3)
fIN = 1.1 MHz
85
dBFS
fIN = 5 MHz
58
85
fIN = 10 MHz
85
fIN = 20 MHz
82
fIN = 40 MHz
77
fIN = 70 MHz
71
IMD3
Two tone inter-modulation distortion
fIN = 10/12 MHz, AIN = -7 dBFS/tone
-94
dBc
XTALK
Channel-to-channel crosstalk
Aggressor = 1.1 MHz
105
dBFS
Aggressor = 10 MHz
102
Aggressor = 20 MHz
97
5.9 Electrical Characteristics - AC Specifications (125 MSPS)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, AVDD = IOVDD = 1.8 V, FS = 125 MSPS, FIN = 5 MHz, AIN = -1dBFS differential
input, Internal 1.2 V reference , and 50% clock duty cycle, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise Spectral Density
fIN = 10 MHz, AIN = -20 dBFS
-138.8
dBFS/Hz
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com