Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 35Page - Texas Instruments ADC3910CSSS Datasheet HTML 36Page - Texas Instruments ADC3910CSSS Datasheet HTML 37Page - Texas Instruments ADC3910CSSS Datasheet HTML 38Page - Texas Instruments ADC3910CSSS Datasheet HTML 39Page - Texas Instruments ADC3910CSSS Datasheet HTML 40Page - Texas Instruments ADC3910CSSS Datasheet HTML 41Page - Texas Instruments ADC3910CSSS Datasheet HTML 42Page - Texas Instruments ADC3910CSSS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
Decimation Mode
0
4
8
12
16
60
62.5
65
67.5
70
72.5
25MSPS
65MSPS
125MSPS
FIN = 1 MHz, AIN = -1dBFS, 16-bit resolution mode
Figure 6-20. SNR Performance vs Decimation Mode
6.3.6.1.3 DDC Over-range
The ADC3910Dx and ADC3910Sx has an overrange indicator that can be enabled via SPI write to register
0x205-0x206 to protect the analog inputs from being saturated for extended period of time since latency is
increased with decimation. When the alert pin is asserted, it stays high for one clock cycle of FOUT (FS divided by
decimation factor) and then de-asserted.
6.3.6.1.4 Output Formatting with Decimation
In serial CMOS mode, the ADC3910Dx and ADC3910Sx has a configurable output data mapping. Default bit
size in serial CMOS is 10 bits wide and interface default is set to DDR. Interface options are double data rate
(DDR), half double data rate (HDDR), and single data rate (SDR) via SPI write to register 0x098.
By default DDR mode clocks output data by alternating channel A data on the rising and channel B data on
the falling edge of DCLK on the same lane. This behavior can be changed to clock all of channel A data first
and then channel B data via SPI write to DDR_MODE (0x0A6). HDDR mode clocks channel A data on separate
output lanes from channel B data via SPI write to HDDR_EN (0x098).
SDR mode clocks data only on rising edge; therefore, to clock both data samples in a cycle, requires double the
data clock speed. The following diagrams show the different available configurations that can be programmed,
and Table 6-3 shows actual data and clock rates.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com