Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 5 Page - Texas Instruments

  ADC3910CSSS Datasheet HTML 1Page - Texas Instruments ADC3910CSSS Datasheet HTML 2Page - Texas Instruments ADC3910CSSS Datasheet HTML 3Page - Texas Instruments ADC3910CSSS Datasheet HTML 4Page - Texas Instruments ADC3910CSSS Datasheet HTML 5Page - Texas Instruments ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage range 1.8 V, AVDD
–0.3
2.1
V
Supply voltage range 1.8 V to 3.3 V, IOVDD
–0.3
3.6
Supply voltage range, GND, DGND
–0.3
0.3
Voltage applied to input pins
INAP/M, INBP/M, CLK, DCLKIN
–0.3
2.1
VREF
–0.3
2.1
RESET, SCLK, SEN, SDIO, OEN
–0.3
2.1
Junction temperature, TJ
110
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range
Supply voltage range 1.8v
AVDD(1)
1.7
1.8
1.9
V
Supply voltage range
IOVDD(1)
1.7
1.8
1.9
V
Supply voltage range
Supply voltage range 3.3v
IOVDD(1)
3.2
3.3
3.4
V
TA
Operating free-air temperature
–40
105
°C
TJ
Operating junction temperature
105(2)
°C
(1)
Measured to GND.
(2)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
5.4 Thermal Information
THERMAL METRIC(1)
ADC39xx
UNIT
RSM (QFN)
32 Pins
RΘJA
Junction-to-ambient thermal resistance
38.1
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
37.2
°C/W
RΘJB
Junction-to-board thermal resistance
17.9
°C/W
ΨJT
Junction-to-top characterization parameter
1
°C/W
ΨJB
Junction-to-board characterization parameter
17.9
°C/W
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com