Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 4Page - Texas Instruments ADC3910CSSS Datasheet HTML 5Page - Texas Instruments ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments ADC3910CSSS Datasheet HTML 10Page - Texas Instruments ADC3910CSSS Datasheet HTML 11Page - Texas Instruments ADC3910CSSS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
5.6 Electrical Characteristics - DC Specifications (continued)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, Internal 1.2 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level input voltage
AVDD -
0.3
1.8
V
VIL
Low level input voltage
0
AVSS +
0.3
V
CIN
Input capacitance
0.5
pF
Clock duty cycle
45
50
55
%
DIGITAL INPUTS (DCLKIN, RESET, OEN, SCLK, SEN, SDIO)
VIH
High level input voltage
DCLKIN
AVDD -
0.1
AVDD
V
VIL
Low level input voltage
0.1
V
VIH
High level input voltage
RESET, OEN, SCLK, SEN, SDIO
1.4
V
VIL
Low level input voltage
0.4
V
IIH
High level input current
90
150
uA
IIL
Low level input current
-150
-90
uA
CI
Input capacitance
1.5
pF
DIGITAL OUTPUT (SDOUT)
VOH
High level output voltage
ILOAD = -400 uA
AVDD -
0.1
AVDD
V
VOL
Low level output voltage
ILOAD = 400 uA
0.1
V
DIGITAL CMOS OUTPUTS (D0:D11)
Output data rate
per CMOS output pin
250
MHz
VOH
High level output voltage
ILOAD = -400 uA
IOVDD
- 0.1
IOVDD
V
VOL
Low level output voltage
ILOAD = 400 uA
0.1
V
VOH
High level output voltage
ILOAD = -400 uA, ALERT/GPO
IOVDD
- 0.1
IOVDD
V
VOL
Low level output voltage
0.1
V
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com