Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 4 Page - Texas Instruments

  ADC3910CSSS Datasheet HTML 1Page - Texas Instruments ADC3910CSSS Datasheet HTML 2Page - Texas Instruments ADC3910CSSS Datasheet HTML 3Page - Texas Instruments ADC3910CSSS Datasheet HTML 4Page - Texas Instruments ADC3910CSSS Datasheet HTML 5Page - Texas Instruments ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 131 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
D0
4
O
CMOS digital lane output data.
D1
3
O
D2
2
O
D3
1
O
D4
32
O
D5
31
O
D6
26
O
D7
25
O
D8
24
O
D9
23
O
D10
22
O
D11
21
O
DCLK
30
O
CMOS output for data bit clock.
DCLK/FCLK
29
O
Default is Inverse data bit clock for CMOS output data. Frame clock can be selected via SPI
write
OEN/PD
6
I
Output data enable. This pin is active low with default 60kΩ pull-down. Can be configured as
power down pin through SPI.
POWER SUPPLY
AVDD
12, 13
I
Analog 1.8V power supply
GND
PowerPAD™
I
Analog Ground, 0V
IOVDD
27
I
1.8V to 3.3V power supply for digital interface
DGND
28
I
Ground, 0V for digital interface
OTHER
NC
17
N/A
No connection. Connect to ground
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com