Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 57 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 53Page - Texas Instruments ADC3910CSSS Datasheet HTML 54Page - Texas Instruments ADC3910CSSS Datasheet HTML 55Page - Texas Instruments ADC3910CSSS Datasheet HTML 56Page - Texas Instruments ADC3910CSSS Datasheet HTML 57Page - Texas Instruments ADC3910CSSS Datasheet HTML 58Page - Texas Instruments ADC3910CSSS Datasheet HTML 59Page - Texas Instruments ADC3910CSSS Datasheet HTML 60Page - Texas Instruments ADC3910CSSS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
Table 6-16. CLK_CFG_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
5:4
DCLKZ_RISE_DLY
R/W
0h
Adjust the delay on the rising edge of DCLKZ where T is the period
of DCLK.
00b = No adjustment
01b = T/20 (T/10 with HFSB = 1)
10b = -T/10 (-T/5 with HFSB = 1)
11b = -T/20 (-T/10 with HFSB = 1)
3
RESERVED
R
0h
2:1
DCLKZ_FALL_DLY
R/W
0h
Adjust the delay on the falling edge of DCLKZ where T is the period
of DCLK.
00b = No adjustment
01b = T/20 (T/10 with HFSB = 1)
10b = -T/10 (-T/5 with HFSB = 1)
11b = -T/20 (-T/10 with HFSB = 1)
0
RESERVED
R
0h
6.6.1.11 PDN_CFG Register (Address = 8Ch) [Reset = 00h]
Return to the Summary Table.
Table 6-17. PDN_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CHA_PDN
R/W
0h
Powers down ADC channel A. Reduces current by 12 mA.
0b = ADC channel A enabled
1b = ADC channel A powered down
6
CHB_PDN
R/W
0h
Powers down ADC channel B. Reduces current by 12 mA.
0b = ADC channel B enabled
1b = ADC channel B powered down
5
MASK_REF
R/W
0h
Fast power down mask control for reference amplifier.
0b = Reference amplifier powered down when fast power down is
exercised.
1b = Reference amplifier NOT powered down when fast power down
is exercised.
4
MASK_VCM
R/W
0h
Fast power down mask control for VCM buffer.
0b = VCM buffer powered down when fast power down is exercised.
1b = Reference amplifier NOT powered down when fast power down
is exercised.
3
MASK_DLL
R/W
0h
Fast power down mask control for CLK DLL and DCLK DLL.
0b = DLLs powered down when fast power down is exercised.
1b = DLLs NOT powered down when fast power down is exercised.
2
SDR_CHB_SEL
R/W
0h
Selects the channel data to be sent out in SDR interface mode.
Enable SDR with Channel B output when asserted.
0b = Channel A data
1b = Channel B data
1:0
RESERVED
R
0h
6.6.1.12 DEV_CFG_3 Register (Address = 8Dh) [Reset = 00h]
Return to the Summary Table.
Table 6-18. DEV_CFG_3 Register Field Descriptions
Bit
Field
Type
Reset
Description
6
FORMAT
R/W
0h
Output Data Format when digital features are bypassed.
0b = Two's Complement
1b = Offset binary
5:4
RESERVED
R
0h
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com