Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 3 Page - Texas Instruments

  ADC3910CSSS Datasheet HTML 1Page - Texas Instruments ADC3910CSSS Datasheet HTML 2Page - Texas Instruments ADC3910CSSS Datasheet HTML 3Page - Texas Instruments ADC3910CSSS Datasheet HTML 4Page - Texas Instruments ADC3910CSSS Datasheet HTML 5Page - Texas Instruments ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
D3
D2
D1
D0
NC
OEN/PD
VCM
CLK
D8
D9
D10
D11
ALERT
SDIO
SCLK
VREF
Thermal Pad
Figure 4-1. RSM (VQFN) Package, 32-Pin (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
INPUT or REFERENCE
INAP
10
I
Positive analog input, channel A
INAM
11
I
Negative analog input, channel A
INBP/NC
14
I
Positive analog input, channel B (NC on single channel device)
INBM/NC
15
I
Negative analog input, channel B (NC on single channel device)
VREF
17
I
1.2V external voltage reference input. A 10μF and a 0.1μF ceramic bypass capacitor
connected between VREF and GND pins and placed as close to the pins as possible
is recommended when using external reference. Otherwise, connect to GND when using
internal reference.
VCM
7
O
Common-mode voltage output to provide DC bias for the analog inputs, 1.25V
CLOCK
CLK
8
I
Sampling clock input for the ADC
CONFIGURATION
RESET
9
I
Hardware reset. Active high. This pin has an internal 60kΩ pull-down resistor.
SEN
16
I
Serial interface enable, Active low, internal 40kΩ pull-down resistor.
SCLK
18
I
Serial interface clock input, internal 40kΩ pull-down resistor.
SDIO
19
I/O
Serial interface data input and output, internal 40kΩ pull-down resistor.
ALERT
20
O
Digital window comparator status pin or over range alert.
DIGITAL INTERFACE
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com