Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 81 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 81 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 77Page - Texas Instruments ADC3910CSSS Datasheet HTML 78Page - Texas Instruments ADC3910CSSS Datasheet HTML 79Page - Texas Instruments ADC3910CSSS Datasheet HTML 80Page - Texas Instruments ADC3910CSSS Datasheet HTML 81Page - Texas Instruments ADC3910CSSS Datasheet HTML 82Page - Texas Instruments ADC3910CSSS Datasheet HTML 83Page - Texas Instruments ADC3910CSSS Datasheet HTML 84Page - Texas Instruments ADC3910CSSS Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
Table 6-90. Statistics Engine Registers (continued)
Address
Register Name
14Fh
STATS_SUM_N2_CHA_27:24
150h
STATS_SUM_N2_CHB_7:0
151h
STATS_SUM_N2_CHB_15:8
152h
STATS_SUM_N2_CHB_23:16
153h
STATS_SUM_N2_CHB_27:24
154h
STATS_SUM_POW_N2_CHA_7:0
155h
STATS_SUM_POW_N2_CHA_15:8
156h
STATS_SUM_POW_N2_CHA_23:16
157h
STATS_SUM_POW_N2_CHA_31:24
158h
STATS_SUM_POW_N2_CHA_39:32
15Ch
STATS_SUM_POW_N2_CHB_7:0
15Dh
STATS_SUM_POW_N2_CHB_15:8
15Eh
STATS_SUM_POW_N2_CHB_23:16
15Fh
STATS_SUM_POW_N2_CHB_31:24
160h
STATS_SUM_POW_N2_CHB_39:32
162h
STATS_MAX_N2_CHA_7:0
163h
STATS_MAX_N2_CHA_11:8
164h
STATS_MAX_N2_CHB_7:0
165h
STATS_MAX_N2_CHB_11:8
166h
STATS_MIN_N2_CHA_7:0
167h
STATS_MIN_N2_CHA_11:8
168h
STATS_MIN_N2_CHB_7:0
169h
STATS_HI_COUNT_N3_CHB_3:0_MIN_N2_CHB_11:8
16Ah
STATS_HI_COUNT_N3_CHB_11:4
16Bh
STATS_HI_COUNT_N3_CHB_16:12
16Ch
STATS_HI_COUNT_N3_CHA_7:0
16Dh
STATS_HI_COUNT_N3_CHA_15:8
16Eh
STATS_HI_COUNT_N3_CHA_16
170h
STATS_LO_COUNT_N3_CHA_7:0
171h
STATS_LO_COUNT_N3_CHA_15:8
172h
STATS_LO_COUNT_N3_CHA_16
174h
STATS_LO_COUNT_N3_CHB_7:0
175h
STATS_LO_COUNT_N3_CHB_15:8
176h
STATS_LO_COUNT_N3_CHB_16
178h
STATS_SUM_N3_CHA_7:0
179h
STATS_SUM_N3_CHA_15:8
17Ah
STATS_SUM_N3_CHA_23:16
17Bh
STATS_SUM_N3_CHA_27:24
17Ch
STATS_SUM_N3_CHB_7:0
17Dh
STATS_SUM_N3_CHB_15:8
17Eh
STATS_SUM_N3_CHB_23:16
17Fh
STATS_SUM_N3_CHB_27:24
180h
STATS_SUM_POW_N3_CHA_7:0
181h
STATS_SUM_POW_N3_CHA_15:8
182h
STATS_SUM_POW_N3_CHA_23:16
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com