Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 103 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 103 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 99Page - Texas Instruments ADC3910CSSS Datasheet HTML 100Page - Texas Instruments ADC3910CSSS Datasheet HTML 101Page - Texas Instruments ADC3910CSSS Datasheet HTML 102Page - Texas Instruments ADC3910CSSS Datasheet HTML 103Page - Texas Instruments ADC3910CSSS Datasheet HTML 104Page - Texas Instruments ADC3910CSSS Datasheet HTML 105Page - Texas Instruments ADC3910CSSS Datasheet HTML 106Page - Texas Instruments ADC3910CSSS Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 131 page
background image
Table 6-211. 0x176 Register Field Descriptions
Bit
Field
Type
Reset
Description
0
STATS_LO_COUNT_N3_
CHB__16
R
0h
Number of samples on channel B below STATS THRESHOLD LO
CHB counted in window N-3
6.6.2.121 0x178 Register (Address = 178h) [Reset = 00h]
Return to the Summary Table.
Table 6-212. 0x178 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_SUM_N3_CHA__
7:0
R
0h
Summation of samples on channel A in window N-3
6.6.2.122 0x179 Register (Address = 179h) [Reset = 00h]
Return to the Summary Table.
Table 6-213. 0x179 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_SUM_N3_CHA__
15:8
R
0h
Summation of samples on channel A in window N-3
6.6.2.123 0x17A Register (Address = 17Ah) [Reset = 00h]
Return to the Summary Table.
Table 6-214. 0x17A Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_SUM_N3_CHA__
23:16
R
0h
Summation of samples on channel A in window N-3
6.6.2.124 0x17B Register (Address = 17Bh) [Reset = 0h]
Return to the Summary Table.
Table 6-215. 0x17B Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_SUM_N3_CHA__
27:24
R
0h
Summation of samples on channel A in window N-3
6.6.2.125 0x17C Register (Address = 17Ch) [Reset = 00h]
Return to the Summary Table.
Table 6-216. 0x17C Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_SUM_N3_CHB__
7:0
R
0h
Summation of samples on channel B in window N-3
6.6.2.126 0x17D Register (Address = 17Dh) [Reset = 00h]
Return to the Summary Table.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com