Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 123 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 123 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 119Page - Texas Instruments ADC3910CSSS Datasheet HTML 120Page - Texas Instruments ADC3910CSSS Datasheet HTML 121Page - Texas Instruments ADC3910CSSS Datasheet HTML 122Page - Texas Instruments ADC3910CSSS Datasheet HTML 123Page - Texas Instruments ADC3910CSSS Datasheet HTML 124Page - Texas Instruments ADC3910CSSS Datasheet HTML 125Page - Texas Instruments ADC3910CSSS Datasheet HTML 126Page - Texas Instruments ADC3910CSSS Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-May-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
ADC3910D025IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D1
Samples
ADC3910D025IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D1
Samples
ADC3910D065IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D2
Samples
ADC3910D065IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D2
Samples
ADC3910D125IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D3
Samples
ADC3910D125IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391D3
Samples
ADC3910S025IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S1
Samples
ADC3910S025IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S1
Samples
ADC3910S065IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S2
Samples
ADC3910S065IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S2
Samples
ADC3910S125IRSMR
ACTIVE
VQFN
RSM
32
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S3
Samples
ADC3910S125IRSMT
ACTIVE
VQFN
RSM
32
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 105
AZ391S3
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com