Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33989 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33989
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33989 Pin Connections
Table 1. 33989 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 18.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
RX
Output
Receive Data
CAN bus receive data output pin.
2
TX
Input
Transmit Data
CAN bus transmit data input pin.
3
VDD1
Power
Output
Voltage Digital Drain
One
5.0 V regulator output pin. Supply pin for the MCU.
4
RST
Output
Reset
This is the device reset output pin whose main function is to reset the
MCU. This pin has an internal pullup current source to VDD.
5
INT
Output
Interrupt
This output is asserted LOW when an enabled interrupt condition occurs.
The output is a push-pull structure.
6–9
20–23
GND
Ground
Ground
These device ground pins are internally connected to the package lead
frame to provide a 33989-to-PCB thermal path.
10
V2
Input
Voltage Source Two
Sense input for the V2 regulator using an external series pass transistor.
V2 is also the internal supply for the CAN transceiver.
11
V2CTRL
Power
Output
Voltage Control
Output drive source for the V2 regulator connected to the external series
pass transistor.
12
VSUP
Power
Voltage Supply
Supply input pin for the 33989.
13
HS1
Output
High Side One
Output of the internal high-side switch. The output current is internally
limited to 150 mA.
14–17
L0:L3
Input
Level 0: 3
Inputs from external switches or from logic circuitry.
22
CANH
Output
CAN High
CAN high output pin.
23
CANL
Output
CAN Low
CAN low output pin.
24
SCLK
Input
System Clock
Clock input pin for the Serial Peripheral Interface (SPI).
25
MISO
Output
Master In/Slave Out
SPI data sent to the MCU by the 33989. When CS is HIGH, the pin is in
the high-impedance state.
26
MOSI
Input
Master Out/Slave In
SPI data received by the 33989.
27
CS
Input
Chip Select
The CS input pin is used with the SPI bus to select the 33989.
28
WD
Output
Watch Dog
The WD output pin is asserted LOW if the software watchdog is not
correctly triggered.
WD
MISO
SCLK
GND
GND
GND
GND
CANL
CANH
L3
L2
L1
CS
MOSI
RX
RST
INT
GND
GND
GND
GND
V2
V2CTRL
VSUP
HS1
L0
TX
VDD1
4
5
6
7
8
9
10
11
12
13
14
2
3
28
25
24
23
22
21
20
19
18
17
16
15
27
26
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com