Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33989
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Normal Request Mode Timeout
Normal Request Modes
NRTOUT
308
350
392
ms
Watchdog Period 1 - Stop
Stop Mode
WD1STOP
6.82
9.75
12.7
ms
Watchdog Period 2 - Stop
Stop Mode
WD2STOP
31.5
45
58.5
ms
Watchdog Period 3 - Stop
Stop Mode
WD3STOP
70
100
130
ms
Watchdog Period 4 - Stop
Stop Mode
WD4STOP
245
350
455
ms
Stop Mode Watchdog Period Accuracy
Stop Mode
f2ACC
-30
—
30
%
Cyclic Sense/FWU Timing 1
Sleep and Stop Modes
CSFWU1
3.22
4.6
5.98
ms
Cyclic Sense/FWU Timing 2
Sleep and Stop Modes
CSFWU2
6.47
9.25
12
ms
Cyclic Sense/FWU Timing 3
Sleep and Stop Modes
CSFWU3
12.9
18.5
24
ms
Cyclic Sense/FWU Timing 4
Sleep and Stop Modes
CSFWU4
25.9
37
48.1
ms
Cyclic Sense/FWU Timing 5
Sleep and Stop Modes
CSFWU5
51.8
74
96.2
ms
Cyclic Sense/FWU Timing 6
Sleep and Stop Modes
CSFWU6
66.8
95.5
124
ms
Cyclic Sense/FWU Timing 7
Sleep and Stop Modes
CSFWU7
134
191
248
ms
Cyclic Sense/FWU Timing 8
Sleep and Stop Modes
CSFWU8
271
388
504
ms
Cyclic Sense ON Time
Sleep and Stop Modes Threshold and Condition to be Added
tON
200
350
500
µs
Cyclic Sense/FWU Timing Accuracy
Sleep and Stop Modes
tACC
-30
—
30
%
Delay Between SPI Command and HS1 Turn ON (25)
tSHSON
—
—
22
µs
Delay Between SPI Command and HS1 Turn OFF (25)
tSHSOFF
—
—
22
µs
Delay Between SPI and V2 Turn ON (25)
Standby Mode
tSV2ON
9.0
—
22
µs
Delay Between SPI and V2 Turn OFF (25)
Normal Mode
tSV2OFF
9.0
—
22
µs
Notes
25.
Delay starts at falling edge of clock cycle #8 of the SPI command and start of Turn ON or Turn OFF of HS1 or V2.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com