Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Failure on VDD1, Watchdog, Reset, INT Pins
The paragraphs below describe the behavior of the device
and of the INT, RST, and WD pins at power up and under
failure of VDD1.
Power Up and SBC Entering Normal Operation
After a power-up the SBC enters in Normal request mode
(CAN interface is in TX/RX mode): VDD1 is on, V2 is off. After
350 ms if no watchdog is written (no TIM1 register write) a
reset occurs, and the SBC returns to normal request
mode.During this sequence WD is active (low level).
Once watchdog is written the SBC goes to normal mode:
VDD1 is still on and V2 turns on, WD is no longer active and
the reset pin is high. If the watchdog is not refreshed, the SBC
generates a reset and returns to Normal request mode.
Figure 23. Power Up and SBC Entering Normal Operation
Power Up and VDD1 Going Low with Stop Mode as
Default Low Power Mode Selected
The first part of the following figure is identical to the
above. If VDD1 is pulled below the VDD1 under voltage reset
(typ 4.6 V) for instance by an overcurrent or short circuit (ex
short to 4 V), and if a low power mode previously selected
was stop mode, the SBC enters reset mode (reset pin is
active). The pin WD stays high, but the high level (VOH)
follows the VDD1 level. The interrupt pin goes low.
When the VDD1 overload condition is removed, the SBC
restarts in Normal request mode.
Figure 24. Power Up and VDD1 Going Low with Stop Mode as Default Low Power Mode Selected
VDD1
SPI (CS)
INT
WD
RST
SBC in
RESET
mode
SBC in Normal request
mode
SBC in Normal
mode
SBC in Normal
request mode
SBC in Normal
mode
350 ms
Reset every 350 ms
Write Watchdog each X ms
No Watchdog is written
SBC in Normal request
mode
SBC in Normal
mode
SBC in Reset
mode
SBC in Normal
Request mode
350 ms
SBC in
RESET
mode
350 ms
VDD1
SPI (CS)
INT
WD
RST
Reset every 350 ms
No problem on
Watchdog period
Write Watchdog
each X ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com