Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33989 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33989
Rev. 13.0, 3/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
System Basis Chip with
High-Speed CAN Transceiver
The 33989 is a monolithic integrated circuit combining many
functions used by microcontrollers (MCU) found in automotive
Engine Control Units (ECUs). The device incorporates
functions such as: two voltage regulators, four high voltage
(wake up) inputs, a 1Mbaud capable CAN physical interface,
an SPI interface to the MCU and VSUP monitoring and fault
detection circuitry. The 33989 also provides reset control in
conjunction with VSUP monitoring and the watchdog timer
features. Also, an Interrupt can be generated, for the MCU,
based on CAN bus activity as well as mode changes.
Features
•VDD1: Low Drop Voltage Regulator, Current Limitation,
Overtemperature Detection, Monitoring, and Reset Function
•VDD1: Total Current Capability 200 mA
• V2: Tracking Function of VDD1 Regulator. Control Circuitry for
External Bipolar Ballast Transistor for High Flexibility in Choice of
Peripheral Voltage and Current Supply
• Low Stand-By Current Consumption in Stop and Sleep Modes
• High-Speed 1 MBaud CAN Physical Interface
• Four External High Voltage Wake-up Inputs Associated with HS1
VBAT Switch
• 150 mA Output Current Capability for HS1 VBAT Switch Allowing
Drive of External Switches Pull-Up Resistors or Relays
•VSUP Failure Detection
• 40 V Maximum Transient Voltage
• Pb Free designated by suffix code EG
Figure 1. MC33989 Simplified Application Diagram
SYSTEM BASIS CHIP
WITH HIGH-SPEED CAN
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42345B
28-PIN SOICW
33989
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33989DW/R2
-40°C to 125°C
28 SOICW
MCZ33989EG/R2
Twisted
Pair
CAN Bus
Wake-Up Inputs
Local Module Supply
Safe Circuits
33989
V2
MOSI
SCLK
MISO
SPI
CS
5.0 V
MCU
VPWR
CANH
CANL
L0
L1
L2
L3
HS1
WD
VDD1
INT
RST
MOSI
SCLK
MISO
TX
RX
GND
VSUP
V2CTRL
V2
CS


Similar Part No. - 33989

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3398 ETC-3398 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3398 HEYCO-3398 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Adafruit Industries
3398 ADAFRUIT-3398 Datasheet
117Kb / 2P
Keyboard with Blue-type Mechanical Switches and LED Backlights - 87-Key
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
More results

Similar Description - 33989

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
High-speed CAN core system basis chip
Rev. 02-27 May 2010
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com