Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CANH AND CANL
Bus Pins Common Mode Voltage
VCM
-27
—
40
V
Differential Input Voltage (Common Mode Between -3.0 and 7.0 V)
Recessive State at RXD
Dominant State at RXD
VCANH-VCANL
—
900
—
—
500
—
mV
Differential Input Hysteresis (RXD)
VHYS
100
—
—
mV
Input Resistance
RIN
5.0
—
100
K
Ω
Differential Input Resistance
RIND
10
—
100
K
Ω
Unpowered Node Input Current
ICANUP
—
—
1.5
mA
CANH Output Voltage
TXD Dominant State
TXD Recessive State
VCANHD
VCANHR
2.75
—
—
—
4.5
3.0
V
CANL Output Voltage
TXD Dominant State
TXD Recessive State
VCANLD
VCANLR
0.5
2.0
—
—
2.25
—
V
Differential Output Voltage
TXD Dominant State
TXD Recessive State
VDIFFD
VDIFFR
1.5
—
—
—
3.0
100
V
mV
CANH AND CANL
Output Current Capability (Dominant State)
CANH
CANL
ICANH
ICANL
—
35
—
-35
mA
Overtemperature Shutdown
TSHUT
160
180°C
—
°C
CANL Over Current Detection
Error Reported in CANR
ICANL/OC
60
—
200
mA
CANH Over Current Detection
Error Reported in CANR
ICANH/OC
-200
—
-60
mA
TX AND RX
TX Input High Voltage
VIH
0.7 VDD
—
VDD + 0.4
V
TX Input Low Voltage
VILP
-0.4
—
0.3 VDD
V
TX High Level Input Current, VTX = VDD
LIH
-10
—
10
µA
TX Low Level Input Current, VTX = 0 V
LIL
-100
-50
-20
µA
RX Output Voltage High, IRX = 250 µA
VOH
VDD-1
—
—
V
RX Output Voltage Low, IRX = 1.0 mA
VOL
—
—
0.5
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com