Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
CAN LOW POWER MODE AND WAKE UP
Low Power Mode
In low power mode the CAN is internally supplied from the
VSUP pin. The voltage at V2 pin can be either at 5 V or turned
off. The current sourced from V2, when the CAN is in sleep
mode, is extremely low. In most case the V2 voltage is off,
however the CAN can be set into sleep mode even with 5 V
applied on V2.
In low power mode the CANH and CANL driver are
disabled, and the receiver is also disabled. CANH and CANL
have a typical 50 k ohm impedance to gnd. The wake-up
receiver can be activated if wake-up is enable by an SPI
command.
When the device is set back into TX RX mode by an SPI
command, CANH and CANL are set back into the recessive
level. This is illustrated in Figure 39.
Figure 39. Low Power Mode
Wake-Up
When the CAN interface is in sleep mode with wake up
enabled, the CAN bus traffic is detected. The wake-up option
has to be enabled prior to setting the CAN in sleep mode. The
CAN bus wake-up is a pattern wake-up.
If the CAN is set into sleep mode with “wake-up disabled”,
bus traffic will not be detected by the MC33989.
CAN Wake-Up Report: From the SBC in Sleep or Stop
Mode
The CAN wake-up reports depend upon the MC33989 low
power mode. If the MC33989 is set into sleep mode (V1 and
V2 off), the CAN wake-up or any wake-up is reported to the
MCU by the V1 turn on, leading to MCU supply turn on and
reset release.
If the SBC is in stop mode (V2 of and V1 active), the CAN
wake-up or any wake-up is reported by a pulse on the INT
output.
CAN Wake-Up Report: From the SBC in Normal or
Standby Mode
If the SBC is in normal or standby mode, and the CAN
interface is in sleep mode with wake-up enabled, the CAN
wake-up will be reported by the bit CANWU in the CAN
register.
In case the SBC uses such configuration, the SBC in
normal mode and CAN sleep mode with wake up enable, it is
recommended to check for the CAN WU bit prior to setting
the MC33989 is sleep or stop mode, in case bus traffic has
occurred while the CAN interface was in sleep mode.
CAN Wake-Up Report in the SPI Registers
After a CAN wake-up, a flag is set in the CAN register. Bit
CAN-WU reports a CAN wake-up event while the SBC was in
sleep, stop, normal or standby mode. This bit is set until the
CAN is set by the SPI command in normal mode and CAN
register read.
Pattern Wake-Up
In order to wake-up the CAN interface, the following
criteria must be fulfilled:
• The CAN interface wake-up receiver must receive a
series of 3 consecutive valid dominant pulses, each of
them has to be longer than 500 ns and shorter than
500
µs.
• The distance between 2 pulses must be lower than
500
µs and the three pulse must occur within a time
frame of 1 ms.
CANL
CANH
TX
RX
GND
2.5V
CANL-DOM
CANH-DOM
CANL/CANH-REC
CAN in Normal mode
CAN in Sleep mode
(wake-up enable or disable)
CAN in TX RX mode
(controlled by SPI command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com