Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
55
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
How to Enter in Normal Mode After a Power-Up
Figure 47. Normal Mode After Power-Up
How to Change CAN Slew Rate
Figure 48. Change CAN Slew Rate
How to Set the CAN Interface in Sleep Mode
How to Control HS1 Output
Figure 49. HS1 Output Control
• read LX wake-up flag
• Write watchdog
X is the period of the watchdog ex:$00 for 10 ms
• Clear V2low, Vsuplow flags
• Clear Batfail, Gfail,Wdrst flags
• read CAN/WU flag
ALL FLAGS ARE READ
• Write watchdog
X is the period of the watchdog ex $00 for 10 ms
note:this register has to be refreshed before the end of the watchdog
period
Power-up
Reset
Normal request
Normal
Read IOR ($60)
Read MCR ($00)
Read CAN ($40)
Write TIM1= $BX
Read WUR ($80)
Write TIM1 =$BX
• X is the slew rate.(ex:$56 for slew rate 3).
note: default slew rate is slew rate 0 (the minus one).
Write CAN =$5X
CAN TX_RX
CAN TX_RX
slew rate X
• Can go to sleep and wake-up enable
• Can go to sleep and wake-up disable
CAN
in normal
CAN in Sleep
Write CAN =$51
Write CAN =$53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com