Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
SUPPLEMENTAL APPLICATION NOTES
MC33989 - GENERAL INFORMATION
MC33989 device supply on page 39
Voltage Regulator on page 40
Failure on VDD1, Watchdog, Reset, INT Pins on page 41
WAKE-UP TIMINGS - SLEEP MODE
LX Wakes up SBC from Sleep Mode on page 42
CAN Wake-Up on page 42
LX with Cyclic Sense on page 43
WAKE UP TIMING: STOP MODE
LX Wake-Up on page 43
CAN Wake-Up on page 44
CS Wake-Up on page 44
Overcurrent Wake-Up on page 44
LX with Cyclic Sense on page 45
MC33989 CAN INTERFACE
Block Diagram on page 45
CAN Interface Supply on page 46
Main Operation Modes Description on page 46
CAN Driver Operation in Normal Mode on page 46
CAN Mode versus SBC Modes on page 48
How to Test the MC33989 CAN Interface on page 48
CAN LOW POWER MODE AND WAKE-UP
Low Power Mode on page 49
Wake-Up on page 49
FAILURE ON V2 SUPPLY, CAN BUS LINES, AND TX
PIN
V2LOW on page 51
TX Permanent Dominant on page 51
CAN Driver Overtemperature: on page 52
Overcurrent Detection: on page 52
Protection on page 52
Current in Case of Bus Short Conditions on page 52
SOFTWARE ASPECTS
Introduction on page 54
How to Enter in Normal Mode After a Power-Up on page
55
How to Change CAN Slew Rate on page 55
How to Set the CAN Interface in Sleep Mode on page 55
How to Control HS1 Output on page 55
How to Configure Wake-Up Before Going in Low Power
Mode on page 56
Disable all Wake-Up on page 56
How to Enter in Sleep Mode on page 57
How to Enter in Stop Mode with Watchdog on page 57
How to Enter in Stop Mode without Watchdog on page 57
How to Recognize and Distinguish the Wake-Up Source
on page 58
How to Use the Interrupt Function on page 59
Recognition and Recovery on page 59
How to Distinguish Between V2LOW and HS1
Overtemperature on page 59
GENERAL INFORMATION
The parameters given in the application section are for
information only. Reference the electrical tables beginning on
page 4 for actual operating parameters.
MC33989 device supply
The MC33989 is supplied from the battery line. A serial
diode is necessary to protect the device against negative
transient pulses and from reverse battery situation. This is
illustrated in the device typical application schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com