Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Table 35. Current in Case of Bus Short Conditions
Notes
34.
For the failure case which leads to loss of communication and current flow for a very short time period as illustrated in Figure 45. So for
instance for CANH to gnd, the impact of the peak current on the V2 voltage regulator is very limited. The TX, RX, and CAN signal in the
figure are placed in a CANH to CANL short circuit condition.
Figure 45. CANH to CANL Short Circuit Condition
The sender node drives TX and the CAN bus, but doesn’t
receive anything on RX, so the CAN protocol handler inside
the MCU increases its TEC «transmit error counter» by 8.The
sender node keeps driving TX in dominant until it reaches the
error passive level (TEC=128).
When it is in error passive, it sends a passive error frame
(23 bits in recessive). Then the sender nodes drive the bus
and send only 1 dominant bit, and as nothing is received on
RX, the TEC is incremental by 8. After TX is driven 15 times,
the TEC reaches 255: then the node is in the BUS OFF state.
When the node is in the BUS OFF state, it needs 128
occurrences of 11 recessive bits (1.408 ms at 1MBauds) in
order to recover and be able to transmit again.
Condition
I term
current
I_H
current
I-L
current
Comment
peak current (mA)
No failure
32
0
0
Normal communication.
CANH line to gnd
0
150
0
No communication. Current flowing from V2 pin, during CAN driver dominant
state. (34)
CANH line to 5 V
55
-55
0
communication OK.
CANH line to +VBAT
150
-150
0
communication OK.
CANL line to gnd
50
0
50
communication OK.
CANL line to 5 V
0
0
-150
no communication (34)
CANL line to VBAT
0
0
-240
no communication (34)
CANH line shorted to
CANL line
0
70
-70
no communication (34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com