Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Figure 32. Overcurrent Wake-Up
•T1:VDD1 output current deglitcher time:IDD1-DGLT: typ
55 µs
• T2: Over current detected to SBC wake-up (INT pulse)
= typ 60 µs
• The total time is 148 µs in this case.
LX with Cyclic Sense
Figure 33.
• T1: Is dependent on the selected cyclic sense timing in
the TIM2 register (5 ms to 400 ms). LX is sampled 10 µs
before the end of cyclic sense on time. If the LX correct
wake-up level happens just after sample point, the
wake-up will be detected at the next HS1 activation and
a complete period is lost.
• T2: It is the same than Lx to INT pulse: typ 100 µs
• The total time is around 5.13 ms (for a cyclic sense total
time of 5 ms) in the above example.
MC33989 CAN INTERFACE
This section is a detailed description of the CAN interface
of the MC33989.
Block Diagram
Figure 34 is a simplified block diagram of the CAN
interface of the MC33989.
INT
IDD1 current
(17 mA typ)
t1
t2
SBC ready to accept SPI command.
Wake-up signalled to MCU.
IDD1S-WU
tINT + tS-1STSPI (33µs max)
LX
HS1
INT
t2
t1
SBC ready to accept SPI command.
Wake-up signalled to MCU.
tINT + tS-1STSPI (33µs max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com