Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
63
33989
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 63. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
WD
MISO
SCLK
GND
GND
GND
GND
CANL
CANH
L3
L2
L1
CS
MOSI
RX
RST
INT
GND
GND
GND
GND
V2
V2CTRL
VSUP
HS1
L0
TX
VDD1
4
5
6
7
8
9
10
11
12
13
14
2
3
28
25
24
23
22
21
20
19
18
17
16
15
27
26
1
33989 Pin Connections
28-Pin SOICW
1.27 mm Pitch
18.0 mm x 7.5 mm Body
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area, including
edge connector for thermal testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 37. Thermal Resistance Performance
Thermal Resistance
Area A (mm2)
°C/W
RθJA
0
68
300
52
600
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com