Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Reset Control Register (RCR)
Table 12 provides Reset Control Register data while
Table 13 outlines the RCR Control Bits, and Table 14
provides RCR Status Bits data.
CAN Register (CAN)
Table 15 provides control of the high-speed CAN module,
mode, slew rate, and wake-up.
Table 12. RCR Register
RCR
D3
D2
D1
D0
$001B
W
WDSTOP
NOSTOP
SAFE
RSTTH
R
Reset Value
1
0
0
0
Reset Condition
POR,RST,
STO2NR
POR, NR2N NR2STB
POR
POR
Table 13. RCR Control Bits
SAFE
WD Pin
Reset Pin
Condition
0
1
0
0 = > 1
Device Power-Up
0
1
1
1
1
V1 Normal, WD Properly Triggered
0
1
1
1
0
1
V1 Drops Below RSTTH
0
1
0
0
1
WD Timeout
Table 14. RCR Status Bits
Status Bits
Bit Value
Description
WDSTOP
0
No Watchdog in Stop Mode
1
Watchdog Runs in Stop Mode
NOSTOP
0
Device Cannot Enter Sleep Mode
1
Sleep Mode Allowed, Device Can Enter Sleep Mode
RSTTH
0
Reset Threshold 1 Selected (typ 4.6 V)
1
Reset Threshold 2 Selected (typ 4.2 V)
Table 15. CAN Register
CAN
D3
D2
D1
D0
$010B
W
—
SC1
SC0
MODE
R
CANWU
TXF
CUR
THERM
Reset Value
—
0
0
0
Reset Condition
—
POR
POR
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com