Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VSUP)
Nominal DC Supply Voltage Range
VSUP
5.5
—
18
V
Extended DC Voltage Range 1
Reduced Functionality (8)
VSUPEX1
4.5
—
5.5
V
Extended DC Voltage Range 2 (9)
VSUPEX2
18
—
27
V
Input Voltage During Load Dump
Load Dump Situation
VSUPLD
—
—
40
V
Input Voltage During Jump Start
Jump Start Situation
VSUPJS
—
—
27
V
Supply Current in Standby Mode (10) (11)
IOUT at VDD1 = 40 mA CAN recessive or Sleep-Disable State
ISUP(STDBY)
—
42
45
mA
Supply Current in Normal Mode (10)
IOUT at VDD1 = 40 mA CAN recessive or Sleep-Disable State
ISUP(NORM)
—
42.5
45
mA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP < 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP1)
—
72
105
µA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP < 12 V, Oscillator Not Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP2)
—
57
90
µA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP > 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP3)
—
100
150
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(10) (11)
VDD1 ON, VSUP < 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(STOP1)
—
135
210
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(11)
VDD1 ON, VSUP < 12 V, Oscillator Not Running
(12) CAN in
Sleep-Disable State
ISUP(STOP2)
—
130
210
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(10) (11)
VDD1 ON, VSUP > 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(STOP3)
—
160
230
µA
BATFAIL Flag Internal Threshold
VBF
1.5
3.0
4.0
V
Notes
8.
VDD1 > 4.0 V, Reset high, Logic pin high level reduced, device is functional.
9.
Device is fully functional. All functions are operating. All modes available and operating. Watchdog, HS1 turn ON turn OFF, CAN cell
operating, L0:L3 inputs operating, SPI read/write operation. Overtemperature may occur.
10.
Current measured at VSUP pin.
11.
With CAN cell in Sleep-Disable state. If CAN cell is Sleep-Enabled for wake-up, an additional 60 µA must be added to specified value.
12.
Oscillator running means Forced Wake-up or Cyclic Sense of Software Watchdog is Stop mode are not activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com