Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 8. List of Registers
Name
Address
Description
Comment and Use
MCR
$000
Mode Control Register
Write: Control of Normal, Standby, Sleep, Stop, Debug Modes
Read: BATFAIL flag and other status bits and flags
RCR
$001
Reset Control Register
Write: Configuration for reset voltage level, Safe bit, Stop mode
Read: CAN wake-up and CAN failure status bits
CAN
$010
CAN Control Register
Write: CAN module control: TX/RX and Sleep modes, slope control, wake
enable/disable
Read: CAN wake-up and CAN failure status bits
IOR
$011
I/O Control Register
Write: HS1 (High Side switch) control in Normal and Standby mode
Read: HS1 over temp bit, VSUP and V2 Low status
WUR
$100
Wake-up Input
Register
Write: Control of wake-up input polarity
Read: Wake-up input and real time LX input state
TIM
$101
Timing Register
Write: TIM1, Watchdog timing control, window, or Timeout mode
Write: TIM2, Cyclic sense and force wake-up timing selection
LPC
$110
Low Power Mode
Control Register
Write: Control HS1 periodic activation in Sleep and Stop modes, force
wake-up
INT
$111
Interrupt Register
Write: Interrupt source configuration
Read: INT source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com